Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 10Page - Texas Instruments ADS5547 Datasheet HTML 11Page - Texas Instruments ADS5547 Datasheet HTML 12Page - Texas Instruments ADS5547 Datasheet HTML 13Page - Texas Instruments ADS5547 Datasheet HTML 14Page - Texas Instruments ADS5547 Datasheet HTML 15Page - Texas Instruments ADS5547 Datasheet HTML 16Page - Texas Instruments ADS5547 Datasheet HTML 17Page - Texas Instruments ADS5547 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
www.ti.com
REGISTER INITIALIZATION
Register Address
RegisterData
t
(SCLK)
t
(DSU)
t
(DH)
t
(SLOADS)
D7
A7
D3
A3
D5
A5
D1
A1
D6
A6
D2
A2
D4
A4
D0
A0
SDATA
SCLK
SEN
RESET
t
(SLOADH)
SERIAL INTERFACE TIMING CHARACTERISTICS
ADS5517
SLWS203 – DECEMBER 2007
After power-up, the internal registers must be reset to their default values. This is done in one of two ways:
1. Either through hardware reset by applying a high-going pulse on RESET pin (of width greater than 10 ns) as
shown in Figure 5.
OR
2. By applying software reset. Using the serial interface, set the <RST> bit (D1 in register 0x6C) to high. This
initializes the internal registers to their default values and then self-resets the <RST> bit to low. In this case
the RESET pin is kept low.
Figure 5. Serial Interface Timing Diagram
Typical values at 25
°C, min and max values across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency
> DC
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDSU
SDATA setup time
25
ns
tDH
SDATA hold time
25
ns
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com