Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 29Page - Texas Instruments ADS5547 Datasheet HTML 30Page - Texas Instruments ADS5547 Datasheet HTML 31Page - Texas Instruments ADS5547 Datasheet HTML 32Page - Texas Instruments ADS5547 Datasheet HTML 33Page - Texas Instruments ADS5547 Datasheet HTML 34Page - Texas Instruments ADS5547 Datasheet HTML 35Page - Texas Instruments ADS5547 Datasheet HTML 36Page - Texas Instruments ADS5547 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
www.ti.com
Using RF transformers
Using Differential Amplifier Drive Circuits
R
G
R
F
R
F
R
FIL
R
FIL
C
FIL
C
FIL
R
G
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
10 F
m
R
S
R
S
T
||R
R
T
+V
S
CM
INP
INM
ADS5517
THS4509
VCM
500 W
200 W
200 W
5 W
5 W
500 W
0.1 F
m
–V
S
ADS5517
SLWS203 – DECEMBER 2007
For optimum performance, the analog inputs have to be driven differentially. This improves the common-mode
noise immunity and even order harmonic rejection. The single-ended signal is fed to the primary winding of the
RF transformer. The transformer is terminated on the secondary side. Putting the termination on the secondary
side helps to shield the kickbacks caused by the sampling circuit from the RF transformer’s leakage inductances.
The termination is accomplished by two resistors connected in series, with the center point connected to the 1.5
V common-mode (VCM pin 13).
At higher input frequencies, the mismatch in the transformer parasitic capacitance (between the windings) results
in degraded even-order harmonic performance. Connecting two identical RF transformers back to back helps
minimize this mismatch and good performance is obtained for high frequency input signals. An additional
termination resistor pair (Figure 34) may be required between the two transformers to improve the balance
between the P and M sides. The center point of this termination must be connected to ground. (Note that the
drive circuit has to be tuned to account for this additional termination, to get the desired S11 and impedance
match).
Figure 37 shows a drive circuit using a differential amplifier (TI's THS4509) to convert a single-ended input to
differential output that can be interface to the ADC analog input pins. In addition to the single-ended to differential
conversion, the amplifier also provides gain (10 dB in Figure 37). RFIL helps to isolate the amplifier outputs from
the switching input of the ADC. Together with CFIL, it forms a low-pass filter that band-limits the noise (and signal)
at the ADC input. As the amplifier output is ac-coupled, the common-mode voltage of the ADC input pins is set
using two 200
Ω resistors connected to VCM.
The amplifier output can also be dc-coupled. Using the output common-mode control of the THS4509, the ADC
input pins can be biased to 1.5 V. In this case, use +4 V and -1 V supplies for the THS4509 so that its output
common-mode voltage (1.5 V) is at mid-supply.
Figure 37. Drive Circuit Using the THS4509
See the EVM User Guide (SLWU028) for more information.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com