Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 12Page - Texas Instruments ADS5547 Datasheet HTML 13Page - Texas Instruments ADS5547 Datasheet HTML 14Page - Texas Instruments ADS5547 Datasheet HTML 15Page - Texas Instruments ADS5547 Datasheet HTML 16Page - Texas Instruments ADS5547 Datasheet HTML 17Page - Texas Instruments ADS5547 Datasheet HTML 18Page - Texas Instruments ADS5547 Datasheet HTML 19Page - Texas Instruments ADS5547 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
www.ti.com
SERIAL REGISTER MAP
ADS5517
SLWS203 – DECEMBER 2007
Table 8 gives a summary of all the modes that can be programmed through the serial interface.
Table 8. Summary of Functions Supported by Serial Interface (1)(2)
REGISTER
ADDRESS
REGISTER FUNCTIONS
IN HEX
A7 – A0
D7
D6
D5
D4
D3
D2
D1
D0
<DATA POSN>
OUTPUT DATA
<CLKOUT POSN>
62
POSITION
OUTPUT CLOCK POSITION PROGRAMMABILITY
PROGRAMMABILITY
<LOW SPEED>
<DF>
<STBY>
ENABLE LOW
DATA FORMAT -
GLOBAL
63
SAMPLING
2's COMP or
POWER
FREQUENCY
STRAIGHT
DOWN
OPERATION
BINARY
<TEST PATTERN> – ALL 0S, ALL 1s,
65
TOGGLE, RAMP, CUSTOM PATTERN
68
<GAIN> GAIN PROGRAMMING <GAIN> - 1 dB to 6 dB
69
<CUSTOM A> CUSTOM PATTERN (D7 TO D0)
6A
<CUSTOM B> CUSTOM PATTERN (D13 TO D8)
6B
<CLKIN GAIN> INPUT CLOCK BUFFER GAIN PROGRAMMABILITY
<RST>
<ODI> OUTPUT DATA INTERFACE
6C
SOFTWARE
- DDR LVDS or PARALLEL CMOS
RESET
<REF>
INTERNAL or
6D
<SCALING> POWER SCALING
EXTERNAL
REFERENCE
<DATA TERM>
<LVDS CURR>
<CLKOUT TERM>
7E
INTERNAL TERMINATION – DATA
LVDS CURRENT
INTERNAL TERMINATION – OUTPUT CLOCK
OUTPUTS
PROGRAMMABILITY
<CURR DOUBLE>
7F
LVDS CURRENT
DOUBLE
(1)
The unused bits in each register (shown by blank cells in above table) must be programmed as ‘0’.
(2)
Multiple functions in a register can be programmed in a single write operation.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com