Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5547 Datasheet HTML 1Page - Texas Instruments ADS5547 Datasheet HTML 2Page - Texas Instruments ADS5547 Datasheet HTML 3Page - Texas Instruments ADS5547 Datasheet HTML 4Page - Texas Instruments ADS5547 Datasheet HTML 5Page - Texas Instruments ADS5547 Datasheet HTML 6Page - Texas Instruments ADS5547 Datasheet HTML 7Page - Texas Instruments ADS5547 Datasheet HTML 8Page - Texas Instruments ADS5547 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
www.ti.com
SHA
11-Bit
ADC
CLOCKGEN
Reference
Digital
Encoder
and
Serializer
Control
Interface
INP
INM
CLKP
CLKM
VCM
CLKOUTP
CLKOUTM
LOW_D0_P
LOW_D0_M
D1_D2_P
D3_D4_P
D5_D6_P
D7_D8_P
D9_D10_P
D1_D2_M
D3_D4_M
D5_D6_M
D7_D8_M
D9_D10_M
OVR
LVDSMODE
ADS5517
SLWS203 – DECEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE-
PACKAGE
PACKAGE
ORDERING
PRODUCT
TEMPERATURE
MEDIA,
LEAD
DESIGNATOR
MARKING
NUMBER
RANGE
QUANTITY
Tape and Reel,
ADS5517IRGZT
250
ADS5517
QFN-48(2)
RGZ
–40
°C to 85°C
AZ5517
Tape and Reel,
ADS5517IRGZR
2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 25.41°C/W (0 LFM air flow),
θ
JC = 16.5°C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in x 3 in (7.62 cm x 7.62
cm) PCB.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com