Electronic Components Datasheet Search
  English  ▼

X  

FQ2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 8Page - Omron Electronics LLC FQ2 Datasheet HTML 9Page - Omron Electronics LLC FQ2 Datasheet HTML 10Page - Omron Electronics LLC FQ2 Datasheet HTML 11Page - Omron Electronics LLC FQ2 Datasheet HTML 12Page - Omron Electronics LLC FQ2 Datasheet HTML 13Page - Omron Electronics LLC FQ2 Datasheet HTML 14Page - Omron Electronics LLC FQ2 Datasheet HTML 15Page - Omron Electronics LLC FQ2 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Sensor
A Lineup That Fits a Wide Range of Equipment
We offer a diverse lineup of Sensors so that you can choose the one with the perfect field of view and installation distance for your needs.
The Sensors with C-mount lens enable freedom of lens selection for long
distances over 1 m and narrow fields of view under 1 mm that are not cov-
ered by our integrated Sensors.This type of Sensor is also useful when
you want to use external illumination.
Sensors with C-mount lens
External Shape Inspections
Inspection for Presence of Markings Inside a
Vertical Form-fill-sealing Machine
Low-angle Lighting
Defect and Foreign Matter
Inspections
Lighting Examples
Backlighting
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900
1000
214
240
970
220
215
56
38
10 m max.
1 mm min.
65mm
1m
Integrated Sensor
Seamless Field of View Variations
268
300
29
25.9
380
32
29
2
25.9
25 9
Long Distance
Narrow Field of View
53
47.3
13
11.6
6.7
7.5
All-in-one Sensors tend to be limited in field of view variations, but we offer a lineup ranging from 7.5 mm up to 240 mm to meet your needs.
A side-view wide-angle camera takes images and performs inspections across a wide area, even if the camera is close to the workpiece.
Perfect for mounting the sensor in locations with limited space. This also enables the Sensor to be installed alongside an assembly line
without protruding in order to perform inspections from the side of the conveyor belt.
Note: A commercially available telecentric lens is required for narrow field of view applications.
Color
Monochrome
Wide View (Long-distance) Sensor
Standard View Sensor
Narrow View Sensor
Unit: mm
Wide View (Short-distance) Sensor
Versatile
This illustration shows the field of view and installation distance of a 760,000-pixel Sensor.
Color
Monochrome
Wide View Sensors -- Perfect for Tight Spaces
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com