Electronic Components Datasheet Search
  English  ▼

X  

FQ2 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 13Page - Omron Electronics LLC FQ2 Datasheet HTML 14Page - Omron Electronics LLC FQ2 Datasheet HTML 15Page - Omron Electronics LLC FQ2 Datasheet HTML 16Page - Omron Electronics LLC FQ2 Datasheet HTML 17Page - Omron Electronics LLC FQ2 Datasheet HTML 18Page - Omron Electronics LLC FQ2 Datasheet HTML 19Page - Omron Electronics LLC FQ2 Datasheet HTML 20Page - Omron Electronics LLC FQ2 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Key Technologies
Real-color Sensing
Real-color processing is an image processing technology that performs high-speed processing of full-color images with a total of 16.7
million colors (256 tones per RGB channel). This means that image processing can be performed with the same color information that is
visible to the human eye, and stable measurements can be performed under lighting that closely resembles natural light.
The camera image is processed as-is without any
loss of quality.
This enables even the slightest of color differences
to be captured with high accuracy.
Captured images are converted to a 256-shade mono-
chrome image and processed. This enables more stable
inspection compared to binary level processing, but
slight changes in color cannot be detected with this
method.
Captured images are converted to a black and white
two-color image and processed. This reduces the
amount of data and enables high-speed process-
ing.
Real color image processing
Color Image Processing
Binary image processing
Previous Image Processing
OMRON FQ2 Series
Black
White
Black
Dark
Bright
Dark
Color variations be-
tween 16.7 million
different colors can
be captured without
any color loss.
17
HDR Sensing
High dynamic range minimizes the
effects of lighting such as halation
and allows highly precise inspections.
Conventional images
Shape Search III (Same functionality included in high-end sensors)
With Shape Search
Ⅲ, you can visualize comparisons between the registered model data the measurement object to easily see when comparisons
are not optimally matched. Visualization of the comparison levels provide the guide for parameter adjustment for acceptable variation and
distortion levels to quickly obtain the best performance. This can save you a lot of time and effort that were previously required.
Even in cases like the following one,
where character registration is required
for image matching methods, no
character registration is required to
read the characters with this new
method, which matches structural
models of characteristic points.
Patent Pending
A A
A
Defects Undetectable Due to Overexposure or
Underexposure
Any spot outside the dynamic range is blurred by halation or shadow.
Dynamic range
of the upper image
Dynamic range
of the lower image
Halation
Underexposure
HDR image
Defects Detectable Even on Reflective or Shadowy Surfaces
The surface of the workpiece is accurately reproduced and detected
even with overexposure or underexposure.
Dynamic range
after HDR
processing
Industry's highest
dynamic range
Max. 16 times
higher than
previous models
New OCR Algorithm: Matching with Structural Models
Structural models record the characteristics of
each character in approximately 80 fonts.
The position and structure of characteristic points are used to
recognize characters.
Background
Changes
Worn
Characters
Size and Font
Changes
Inclined
Characters
Deformation
Chip
Registered model
Measurement image
Reduction in
correlation
No reduction
You can adjust a parameter called
the Acceptable Distortion Level to
enable measurements without
reducing the correlation even if
there is distortion.You can easily
adjust this parameter while
monitoring the comparison.
You can see at a glance the difference
between the registered model and
measurement image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com