Electronic Components Datasheet Search
  English  ▼

X  

FQ2 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 22Page - Omron Electronics LLC FQ2 Datasheet HTML 23Page - Omron Electronics LLC FQ2 Datasheet HTML 24Page - Omron Electronics LLC FQ2 Datasheet HTML 25Page - Omron Electronics LLC FQ2 Datasheet HTML 26Page - Omron Electronics LLC FQ2 Datasheet HTML 27Page - Omron Electronics LLC FQ2 Datasheet HTML 28Page - Omron Electronics LLC FQ2 Datasheet HTML 29Page - Omron Electronics LLC FQ2 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
Touch Finder
*1. This is a guideline for the time required for the brightness to diminish to half the initial brightness at room temperature and humidity. The life of the backlight is
greatly affected by the ambient temperature and humidity and will be shorter at lower or higher temperatures.
*2. This value is only a guideline. No guarantee is implied. The value will be affected by operating conditions.
*3. This value is only a guideline. No guarantee is implied. The value will be affected by the operating environment and operating conditions.
Sensor Data Units (FQ2-S3/S4/CH only)
Type
Item
Model
Model with DC power supply
Model with AC/DC/battery power supply
FQ2-D30
FQ2-D31
Number of connectable Sensor
Number of sensors that can be recognized (switched): 32 max. number or sensor that can displayed on
monitor: 8 max.
Main functions
Types of measurement displays
Last result display, Last NG display, trend monitor, histograms
Types of display images
Through, frozen, zoom-in, and zoom-out images
Data logging
Measurement results, measured images
Menu language
English, German, French, Italian, Spanish, Traditional Chinese, Simplified Chinese, Korean, Japanese
Indications
LCD
Display device
3.5-inch TFT color LCD
Pixels
320
× 240
Display colors
16.7 million
Backlight
Life expectancy *1
50,000 hours at 25ºC
Brightness adjustment
Provided
Screen saver
Provided
Operation
interface
Touch
screen
Method
Resistance film
Life expectancy *2
1,000,000 touch operations
External
interface
Ethernet
100BASE-TX/10BASE-T
SD card
SDHC-compliant, Class 4 or higher recommended
Ratings
Power supply voltage
DC power connection:21.6 to 26.4 VDC
(including ripple)
DC power connection: 21.6 to 26.4 VDC
(including ripple)
AC adapter (manufactured by Sino-American Japan
Co., Ltd) connection: 100 to 240 VAC, 50/60 Hz
Battery connection: FQ-BAT1 Battery (1cell, 3.7 V)
Continuous operation on Battery *3
---
1.5 h
Power consumption
DC power connection: 0.2 A max.
DC power connection: 0.2 A max.
Charging battery:
0.4 A max.
Environmental
immunity
Ambient temperature range
Operating: 0 to 50ºC
Storage:
−25 to 65ºC
(with no icing or condensation)
Operating: 0 to 50ºC when mounted to DIN Track or panel
Operation on Battery: 0 to 40ºC
Storage:
−25 to 65ºC
(with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Ambient atmosphere
No corrosive gas
Vibration resistance (destruction)
10 to 150 Hz, single amplitude: 0.35 mm, X/Y/Z directions
8 min each, 10 times
Shock resistance (destruction)
150 m/s2 3 times each in 6 direction (up, down, right, left, forward, and backward)
Degree of protection
IEC 60529 IP20 (when SD card cover, connector cap, or harness is attached)
Weight
Approx. 270 g (without Battery and hand strap attached)
Materials
Case: ABS
Accessories included with Touch Finder
Touch Pen (FQ-XT), Instruction Manual
Item
Parallel Interface
RS-232C Interface
Model
NPN
FQ-SDU10
FQ-SDU20
PNP
FQ-SDU15
FQ-SDU25
I/O
specifications
Parallel I/O
Connector 1
16 outputs (D0 to D15)
6 inputs (IN0 to IN5)
Connector 2
11 inputs (TRIG, RESET, IN0 to IN7, and DSA)
8 outputs (GATE, ACK, RUN, BUSY, OR, ERROR,
STGOUT, and SHTOUT)
2 inputs (TRIG and RESET)
7 outputs (ACK, RUN, BUSY, OR, ERROR,
STGOUT, and SHTOUT)
RS-232C
---
1 channel, 115,200 bps max.
Sensor interface
FQ2-S3 connected with FQ-WU
@@@ : OMRON interface
*Number of connected Sensors: 1
Ratings
Power supply voltage
21.6 to 26.4 VDC (including ripple)
Insulation resistance
Between all DC external terminals and case: 0.5 M
Ω min (at 250 VDC)
Current consumption
2.5 A max. : FQ2-S
@@@@@@-@@@ and FQ-SDU@@, FQ2-CH1@@@@@-M and FQ-SDU@@
0.4 A max. : FQ2-S
@@-@@@ and FQ-SDU@@
0.1 A max. : FQ-SDU
@@ only
Environmental
immunity
Ambient temperature range
Operating: 0 to 50ºC, Storage: -20 to 65ºC (with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Ambient atmosphere
No corrosive gas
Vibration resistance (destruction)
10 to 150 Hz, single amplitude: 0.35 mm, X/Y/Z directions, 8 min each, 10 times
Shock resistance (destruction)
150 m/s2 3 times each in 6 directions (up, down, right, left, forward, and backward)
Degree of protection
IEC 60529 IP20
Materials
Case: PC + ABS, PC
Weight
Approx. 150 g
Accessories included with Sensor Data Unit
Instruction Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com