Electronic Components Datasheet Search
  English  ▼

X  

FQ2 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 10Page - Omron Electronics LLC FQ2 Datasheet HTML 11Page - Omron Electronics LLC FQ2 Datasheet HTML 12Page - Omron Electronics LLC FQ2 Datasheet HTML 13Page - Omron Electronics LLC FQ2 Datasheet HTML 14Page - Omron Electronics LLC FQ2 Datasheet HTML 15Page - Omron Electronics LLC FQ2 Datasheet HTML 16Page - Omron Electronics LLC FQ2 Datasheet HTML 17Page - Omron Electronics LLC FQ2 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
High-speed Image Processor
With our new high-speed image processor we are able to
achieve a processing time of 50 ms or less for all primary in-
spection items.
20 Inspection Items per Second Processing Time
Hardware Advancements
High-speed
Image Processor
20ms
40ms
60ms
80ms
100ms
110 ms
30 ms
22 ms
FQ-S
Color Image
FQ2-S
Color Image
FQ2-S
Monochrome Image
Note: This comparison was conducted with a 752
× 480 pixel image,
with no rotational compensation.
* Processing may take longer than 50 ms depending on the settings.
Search Inspection Speed Comparison
30 ms
m
1/3
1/3
1/5
1/5
1/3
1/5
1,000x
improvement
3X Faster than Previous Models
14
High-brightness ODR Lighting
Four times the brightness of conventional LEDs
can be achieved with ODR lighting
(Optical Double Reflection) that uses a com-
plete new optics technology. High-brightness il-
lumination was achieved by increasing light ef-
ficiency and heat dissipation,making it possible
to input images this sharply for the first time.
Crystal Clear Images Even through Polarizing Filter
Four Times the
Brightness
Optical Double Reflection
Lighting is required for stable image inspection, but shiny surfaces can reflect light, resulting in incorrect judgments. You can use
a polarizing filter to reduce specular reflection, but the entire image will be darker, which can result in insufficient image contrast.
The FQ2 Series is equipped with OMRON’s own high-power lighting DR optical system for effective use of LED power. This system
provides sufficient lighting for inspection even when the enclosed polarizing filter is used.
Overall image contrast is maintained,
and only reflections are eliminated.
Light is reflected.
The overall image is dark;
inspection becomes unstable.
Standard Lighting
Standard Lighting + Polarizing Filter
High-power Lighting + Polarizing Filter
Optical Double Reflection
Optical Double Reflection
ODR lighting
OCR structure for effective lighting.
All Light Used without Waste
Reflective mirrors
Reflective mirrors
Total Reflection
Total Reflection
Reflection
Reflection
Reflection
Reflection
Reflection
Reflection
Total Reflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com