Electronic Components Datasheet Search
  English  ▼

X  

FQ2 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 24Page - Omron Electronics LLC FQ2 Datasheet HTML 25Page - Omron Electronics LLC FQ2 Datasheet HTML 26Page - Omron Electronics LLC FQ2 Datasheet HTML 27Page - Omron Electronics LLC FQ2 Datasheet HTML 28Page - Omron Electronics LLC FQ2 Datasheet HTML 29Page - Omron Electronics LLC FQ2 Datasheet HTML 30Page - Omron Electronics LLC FQ2 Datasheet HTML 31Page - Omron Electronics LLC FQ2 Datasheet HTML 32Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
Optical Chart for C-mount Camera FQ2-S3@-13@/-S4@-13@
Related Manuals
High-resolution, Low-distortion Lenses 3Z4S-LE SV-
@@@@H
Man.No.
Model number
Manual
Z337
FQ2-S1/S2/S3/S4/CH
Smart Camera FQ2-S/CH Series User's manual
Z338
FQ2-S1/S2/S3/S4/CH
Smart Camera FQ2-S/CH Series User's manual (Communication Settings)
Z329
FQ-CR1-M
Fixed Mount Multi Code Reader FQ-CR1-M User's manual
Z316
FQ-CR2
Fixed Mount 2D Code Reader FQ-CR2 User's manual
Y axis of field of view (mm)
1000
100
10
1
3Z4S-LE
SV-0614H
SV-0814H
SV-1214H
SV-1614H
SV-2514H
SV-3514H
SV-5014H
SV-7525H
SV-10028H
Extension tube
Examples
t0: Extension tube is not required.
t5: A 5-mm
extension tube is required.
10
100
1000
10000
t0
t0
t5
t5
t10
t10
t15
t15
t20
t20
t25
t25
t30
t30
t40
t40
t50
t50
t0
t0
t5
t5
t10
t10
t15
t15
t20
t20
t25
t25
t30
t30
t0
t0
t2
t2
t5
t5
t10
t10
t15
t15
t2
t2
t5
t5
t0
t0
t1
t1
t2
t2
t0
t0
t0.5
t0.5
t1
t1
t0
t0
t0.5
t0.5
t50
t50 t40
t40
t25
t25
t15
t15
t10
t10
t5
t5
t0
t0
t50
t50t40
t40t30
t30
t20
t20
t25
t25
t15
t15 t10
t10
t0
t0
t5
t5
t30
t30
t20
t20
t0
t0
t0
t5
t10
t15
t20
t25
t30
t40
t50
t0
t5
t10
t15
t20
t25
t30
t0
t2
t5
t10
t15
t2
t5
t0
t1
t2
t0
t0.5
t1
t0
t0.5
t50 t40
t25
t15
t10
t5
t0
t50t40
t30
t20
t25
t15 t10
t0
t5
t30
t20
t0
Extension tube
t_ (mm)
Camera
Camera lens
Measurement
object
Camera installation
distance (mm)
Field of view (mm)
Meaning of Optical Chart
The X axis of the optical chart shows the field of view (mm) (See Note.),
and the Y axis of the optical chart shows the camera installation distance (mm).
Note: The lengths of the fields of view given in the optical charts are the lengths
of the Y axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com