Electronic Components Datasheet Search
  English  ▼

X  

FZ-SC2M Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 8Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 9Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 10Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 11Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 12Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 13Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 14Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 15Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
1
0.9
Not on outline
Not on edge
Not on outline
Scan Edge Position
removes noise to detect edges
Detected edge
12
High-speed, high-precision positioning
Shape Search III is robust against shape variations
High-precision and robust positioning is possible even under the
adverse conditions, such as changes in environments and materials.
*1. The value measured under our specified conditions is provided for reference. *2. The value measured under our specified conditions is provided for reference. 20.4 Mpix camera.
A 20.4 Mpix camera can search a positioning mark
in as fast as 12 ms*2, and a 5 Mpix camera, widely
used for alignment applications, in as fast as 2 ms.
The new algorithm accurately detects a whole circle from
a part of the circle.
Detected outline
Measurement region
Conventional
algorithm
New algorithm
The circle is not
on the outline of
the object.
The outline
of the object
is detected
accurately
New algorithm
The outline
of the object
is detected
accurately
Conventional
algorithm
The circle is not on
the outline of the
object.
Measured
value errors
1/15 *1
Fastest
12 ms*2
Shape Search III
(High speed alignment mode)
Previous Search
Shape Search III
Previous Search
Error (pixels)
10
15
20
25
30
0
5
20.4 Mpix
5 Mpix
0.3 Mpix
Clear
Focal shift
Contrast
Chip
Hidden
Overlapping
Thinning
and thickening
Circular Scan Edge Position
accurately estimates the center
and radius of a circle
20.4 Mpix
5 Mpix
0.3 Mpix
Processing time [ms]
This algorithm accurately estimates lines even when
the edges are unclear due to variations in objects or
disturbance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com