Electronic Components Datasheet Search
  English  ▼

X  

FZ-SC2M Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 29Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 30Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 31Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 32Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 33Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 34Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 35Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 36Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
FH-Series
33
Digital CCD Cameras
* The image acquisition time does not include the image conversion processing time of the sensor controller.
Small CCD Digital Cameras
* The image acquisition time does not include the image conversion processing time of the sensor controller.
Model
FZ-S
FZ-SC
FZ-S2M
FZ-SC2M
Image elements
Interline transfer reading all pixels,
CCD image elements (1/3-inch equivalent)
Interline transfer reading all pixels,
CCD image elements (1/1.8-inch equivalent)
Color/Monochrome
Monochrome
Color
Monochrome
Color
Effective pixels
640 (H)
× 480 (V)
1600 (H)
× 1200 (V)
Pixel size
7.4 (
μm) × 7.4 (μm)
4.4 (
μm) × 4.4 (μm)
Shutter function
Electronic shutter; select shutter speeds from 20
μs to 100 ms
Partial function
12 to 480 lines
12 to 1200 lines
Frame rate
(Image Acquisition Time *) 80 fps (12.5 ms)
30 fps (33.3 ms)
Lens mounting
C mount
Field of vision,
installation distance
Selecting a lens according to the field of vision and installation distance
Ambient temperature
range
Operating: 0 to 50
°C
Storage: -25 to 65
°C
(with no icing or condensation)
Operating: 0 to 40
°C
Storage: -25 to 65
°C
(with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Weight
Approx. 55 g
Approx. 76 g
Accessories
Instruction manual
Model
FZ-SF
FZ-SFC
FZ-SP
FZ-SPC
Image elements
Interline transfer reading all pixels, CCD image elements (1/3-inch equivalent)
Color/Monochrome
Monochrome
Color
Monochrome
Color
Effective pixels
640 (H)
× 480 (V)
Pixel size
7.4 (
μm) × 7.4 (μm)
Shutter function
Electronic shutter; select shutter speeds from 20
μm to 100 ms
Partial function
12 to 480 lines
Frame rate
(Image Acquisition Time *) 80 fps (12.5ms)
Lens mounting
Special mount (M10.5 P0.5)
Field of vision,
installation distance
Selecting a lens according to the field of vision and installation distance
Ambient temperature
range
Operating: 0 to 50
°C (camera amp)
0 to 45
°C (camera head)
Storage: -25 to 65
°C (with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Weight
Approx. 150 g
Accessories
Instruction manual, installation bracket,
Four mounting brackets (M2)
Instruction manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com