Electronic Components Datasheet Search
  English  ▼

X  

FZ-SC2M Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 37Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 38Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 39Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 40Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 41Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 42Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 43Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 44Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
FH-Series
41
Dimensions
(Unit: mm)
Sensor Controllers
19.5
143
Four, M4 mounting holes
with a depth of 4.5 mm
19.2
143
182.5
20.1
Four, M4 mounting holes
with a depth of 4.5 mm
26.7
148.5
Four, M3 mounting holes
with a depth of 4.5 mm
The 2-camera type has only two camera connectors,
and the 8-camera type has eight camera connectores.
115
High-speed, Large-capacity Controllers/Standard Controllers
FH-5550/-5550-10/-5550-20
FH-5050/-5050-10/-5050-20
FH-2050/-2050-10/-2050-20
Lite Controllers
FH-L551/-L551-10
17.2
61.6
64
130
18.5
22
100
59
32.8
62.8
60.6
36.3
10.5
Four, M4 mounting holes
with a depth of 6.5 mm
Four, M4 mounting holes
with a depth of 6.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com