Electronic Components Datasheet Search
  English  ▼

X  

FZ-SC2M Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 25Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 26Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 27Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 28Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 29Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 30Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 31Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 32Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
FH-Series
29
Ratings and Specifications (FH Sensor Controllers)
High-speed, Large-capacity Controller
*1 According to the CPU performance, FH-2050 series is recommended to use up to two lines in this mode.
*2 Up to eight cameras can be connected in total including up to four 12 or 20.4 million-pixel cameras.
*3 Existing third class grounding
Sensor Controller Series
FH-5550/5050 Series
FH-2050 Series
Sensor Controller Model
FH-5550/5050
FH-5550/5050-10
FH-5550/5050-20
FH-2050
FH-2050-10
FH-2050-20
Parallel IO
NPN/PNP (common)
Memory, Storage
FH-5550 series : 32GB RAM, 64GB ROM
FH-5050 series : 8GB RAM, 32GB ROM
8GB RAM, 32GB ROM
Number of cores
4 cores
2 cores
Main
Functions
Operation
Mode
Standard
Yes
Double Speed Multi-input
Yes
Non-stop adjustment mode
Yes
Multi-line random-trigger mode
Yes (Maximum 8 lines) *1
Parallel Processing
Yes
Number of Connectable Camera
248248
Supported
Camera
FH-S series camera
All of the FH-S series cameras are
connectable.
All of the FH-S series
cameras are
connectable. *2
All of the FH-S series cameras are
connectable.
All of the FH-S series
cameras are
connectable. *2
FZ-S series camera
All of the FZ-S series cameras are connectable.
Camera I/F
OMRON I/F
Possible Number of Captured Images
Refer to page 31.
Possible Number of Logging Images to Sensor Controller Refer to the Vision System FH Series User's Manual (Cat. No. Z365).
Possible Number of Scenes
128
Operating
on UI
USB Mouse
Yes (wired USB and driver is unnecessary type)
Touch Panel
Yes (RS-232C/USB connection: FH-MT12)
Setup
Create the processing flow using Flow editing.
Language
Japanese, English, Simplified Chinese, Traditional Chinese, Korean, German, French, Spanish, Italian, Vietnamese, Polish
External
Interface
Serial Communication
RS-232C
× 1
Ethernet
Communication
Protocol
Non-procedure (TCP/UDP)
I/F
1000BASE-T
× 2
EtherNet/IP Communication
Yes (Target/Ethernet port)
PROFINET Communication
• Yes (Slave/Ethernet port)
• Conformance class A
EtherCAT Communication
Yes (slave) Refer to page 36 about EtherCAT Communications Specifications.
Parallel I/O
• 12 inputs/31 outputs:
• Use 1 Line.
• Operation mode: Except Multi-line random-trigger mode.
• 17 inputs/37 outputs:
• Use 2 Lines.
• Operation mode: Multi-line random-trigger mode.
• 14 inputs/29 outputs:
• Use 3 to 4 Lines.
• Operation mode: Multi-line random-trigger mode.
• 19 inputs/34 outputs:
• Use 5 to 8 Lines.
• Operation mode: Multi-line random-trigger mode.
Encoder Interface
Input voltage: 5 V
± 5%
Signal: RS-422A Line Driver Level
Phase A/B/Z: 1 MHz
Monitor Interface
DVI-I output (Analog RGB & DVI-D single link)
× 1
USB I/F
USB3.0 host
× 2 (BUS Power: Port5 V/0.5 A)
USB2.0 host
× 4 (BUS Power: Port5 V/0.5 A)
SD Card I/F
SDHC
× 1
Indicator
Lamps
Main
POWER: Green
ERROR: Red
RUN: Green
ACCESS: Yellow
Ethernet
NET RUN1: Green
LINK/ACT1: Yellow
NET RUN2: Green
LINK/ACT2: Yellow
SD Card
SD POWER: Green
SD BUSY: Yellow
EtherCAT
ECAT RUN: Green
LINK/ACT IN: Green
LINK/ACT OUT: Green
ECAT ERR: Red
Power-supply voltage
20.4 VDC to 26.4 VDC
Current
consumption
When connecting an intelligent compact digital camera
• When connecting the following light or lighting
controller without an external power supply
FLV-TCC1, FLV-TCC4, FLV-TCC3HB
FLV-TCC1EP, FL-TCC1
• When connecting the following light or light-
ing controller
FL-TCC1PS, FL-MD
@MC
5.6 A max.
7.7 A max.
12.2 A max.
4.6 A max.
6.6 A max.
11.2 A max.
Other than above
4.5 A max.
5.5 A max.
7.3 A max.
3.5 A max.
4.3 A max.
6.3 A max.
Built-in FAN
Yes
Usage
Environment
Ambient temperature range
Operating: 0
°C to +45°C
Storage: -20 to +65
°C (with no icing or condensation)
Operating: 0
°C to +50°C
Storage: -20 to +65
°C (with no icing or condensation)
Ambient humidity range
Operating:35 to 85%RH
Storage: 35 to 85%RH (with no condensation)
Ambient atmosphere
No corrosive gases
Vibration tolerance
Oscillation frequency: 10 to 150 Hz
Half amplitude: 0.1 mm
Acceleration: 15 m/s2
Sweep time: 8 minute/count
Sweep count: 10
Vibration direction: up and down/front and behind/left and right
Shock resistance
Impact force: 150 m/s2
Test direction: up and down/front and behind/left and right
Noise
immunity
Fast Transient Burst
• DC power
Direct infusion: 2kV, Pulse rising: 5ns, Pulse width: 50ns, Burst continuation time: 15ms/0.75ms, Period: 300ms, Application time: 1 min
•I/O line
Direct infusion: 1kV, Pulse rising: 5ns, Pulse width: 50ns, Burst continuation time: 15ms/0.75ms, Period: 300ms, Application time: 1 min
Grounding
Type D grounding (100
Ω or less grounding resistance) *3
External
Features
Dimensions
190 mm
× 115 mm × 182.5 mm
Note Height: Including the feet at the base.
Weight
Approx. 3.4 kg
Approx. 3.6 kg
Approx. 3.6 kg
Approx. 3.0 kg
Approx. 3.2 kg
Approx. 3.2 kg
Degree of protection
IEC60529 IP20
Case material
Cover: zinc-plated steel plate
Side plate: aluminum (A6063)
Accessories
Instruction Sheet (Japanese and English): 1, Installation Instruction Manual for FH series:1,
General Compliance Information and Instructions for EU:1, Member registration sheet: 1, Power source (FH-XCN): 1 (male),
Ferrite core for camera cable: 2 (FH-5
@50, FH-2050), 4 (FH-5@50-10, FH-2050-10), 8 (FH-5@50-20, FH-2050-20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com