Electronic Components Datasheet Search
  English  ▼

X  

FZ-SC2M Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 40Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 41Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 42Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 43Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 44Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 45Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 46Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 47Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
FH-Series
44
Cables
L (*1)
(34)
(40)
(100)
(10)
(30)
(9)
(40)
(100)
L (*1)
(*2)
(*2)
(*2)
(*2)
(*2)
(*2)
(30)
(9)
(11)
(9)
(100)
L (*1)
(30)
(34)
(10)
(40)
L (*4)
(42)
(100)
(40)
(12)
(9)
(11)
(40)
L (*1)
(30)
(100)
(100)
(42)
L (*4)
(40)
(10)
(34)
FZ-VS3
Camera Cable
FZ-VSL3
Right-angle Camera Cable
FZ-VS4
Long-distance Camera Cable
FZ-VSLB3
Bend resistant Right-angle Camera Cable
FZ-VSL4
Long-distance Right-angle Camera Cable
FZ-VSB3
Bend resistant Camera Cable
Camera Cable
*1. Cable is available in 2m/3m/5m/10m.
*2. Each camera cables has polarity.
Please ensure that the name plate side of the cable is connected to the controller.
*3. Cable is available in 5m/10m.
*4. Cable is available in 15m.
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
FZ-VSBX
Super Bend resistant Camera Cable
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
26-pin
rectangular connector
(12)
(48)
(42)
(40)
(25)
(100)
L (*3)
(40)
(25)
(*2)
FH-VR
Encoder Cable
L1 (*1)
90±5
3
10±2
20
20
100
37.2
2.2
11.7
*1. Cable is available in 1.5 m.
Camera Cable Extension Unit
FZ-VSJ
Camera Cable Connector
(Controller side)
Power terminal
Camera Cable Connector
(Camera side)
POWER LED
Indicator
65
3.2
3.2
75
54
14
9
15
9
Four, 3.4 dia.
FZ-LESR
Extension Tubes for Small Camera
Extension tubes 5 mm
35
310
Extension tubes 10 mm
315
Extension tubes 15 mm
Lens for Small Camera
FZ-LES Series
L *
Diaphragm adjustment knob
Diaphragm look screw (M1.4)
* Overall length is available in 16.4mm/19.7mm/23.1mm/25.5mm.
UNFUSED PART
CABLE MARK
L(*1)
*1. Cable is available in 2m/5m.
1
2
33
34
(70)
(70)
(15)
(30)
FUSED PART
Parallel I/O Cable
XW2Z-S013-
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com