Electronic Components Datasheet Search
  English  ▼

X  

PFP Datasheet(PDF) 62 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 62 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 58Page - Omron Electronics LLC PFP Datasheet HTML 59Page - Omron Electronics LLC PFP Datasheet HTML 60Page - Omron Electronics LLC PFP Datasheet HTML 61Page - Omron Electronics LLC PFP Datasheet HTML 62Page - Omron Electronics LLC PFP Datasheet HTML 63Page - Omron Electronics LLC PFP Datasheet HTML 64Page - Omron Electronics LLC PFP Datasheet HTML 65Page - Omron Electronics LLC PFP Datasheet HTML 66Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
Main Features
Fiber Amplifiers, Communications Unit and Accessories
Main Features
62
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
63
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
62
63
Advanced Smart Tuning
Achieve Easy Detection in Many Applications
Just press the
button once with a workpiece and once without
a workpiece to automatically set the optimum incident level and threshold.
Consistent settings are achieved for all users with this ultra-easy procedure.
The Sensor Communications Unit with a master function and the Distributed Sensor Units
with slave functions enable N-Smart Sensors communication over open networks.
E3NX-FA Series
Smart Fiber Amplifier Units
A Smart Fiber Amplifier Unit
with Ultra-stable Detection
and Ultra-easy Setup
E3X-ECT / E3X-CRT
Fiber Amplifier Unit Accessories
Sensor Communications Units for E3X-HD
Sensor Communications
Units for CompoNet and
EtherCAT
64
Page
64
Page
78
Page
65, 79
Page
Optimum Light Intensity Adjustment from
Transparent Objects to Black Workpieces
The incident level is optimized to enable stable detection even for
saturated or insufficient incident levels.
Greatly Reduced Machine Manufacturing Costs
There is no need to change the current distributed installation to
introduce a network without increasing costs.
Greatly Reduced Machine Commissioning Time
All of the settings can be made at the same time from a Touch Panel.
Greatly Improved Machine Productivity
Realtime monitoring lets you perform maintenance before
malfunctions occur.
Improvements in the sensing distance and minimum sensing object have increased the range of application for stable detection.
NEW
E3NW Series
Sensor Communications Units for E3NX-FA
E3X-HD Series
Smart Fiber Amplifier Units
Affordable Amplifier Units
with Simple Operation and
Stable Detection Capabilities
78
Page
Advanced Basic Performance
Expanded Application Response Capabilities
<Fiber Amplifier Unit Comparison>
TUNE
The Next-generation E3NW
Sensor Network Units
Revolutionize On-site Sensing
Press the
button
once with a workpiece and
once without a workpiece
TUNE
Automatic Setting of
Optimum Values
5000 9999
ST
Set to the intermediate
value between the
incident levels with and
without a workpiece.
Incident level
adjustment with and
without a workpiece
1.5 Times the Sensing Distance* 1/10th the Minimum Sensing Object*
6 m
0.3 µm dia.
*Compared to E3X-HD.
For E32-LT11 Fiber Unit with a fiber length of 3.5 m
Typical example of actual measurements with E32-D11R Fiber Unit.
×1/2000
×20
×1
Excessive Incident Level
Incident light reduced.
Light Intensity Adjustment Range of 40,000 Times
Incident light increased.
NEW
Controller
Sensor Communications Units
Master
Distributed Sensor Units
Slaves
Open Network
Network between Units
Fiber
Amplifier
Unit
specifications
Output
External input
Response time
Ordering Information
Page
listings
Ratings and Specifications
Dimensions
Sensing distance
(Giga-power mode) E32-D11R
E32-T11R
Minimum sensing
object
Communications method
(Sensor Communications Unit model)
Applicable Sensors
E32-T11R
Sensor
Communications
Unit
application
1 or 2 outputs (depending on the model)
Supported or not supported (depending on the model)
30 μs (32 μs)/250 μs/1 ms/16 ms
(Default: 250 μs)
3,000 mm
1,260 mm
2 μm dia.
EtherCAT (E3NW-ECT)
CompoNet (E3NW-CRT)
CC-Link (E3NW-CCL)
68 Page
66 Page
64 Page
Fiber Sensor (E3NX-FA0)
Laser Sensors (E3NC-LA0, E3NC-SA0)
Contact-Type Sensor (E9NC-TA0) *
E3NX-FA Series
1 output
Not supported
50 μs (55 μs)/250 μs/1 ms/16 ms
(Default: 250 μs)
2,000 mm
840 mm
5 μm dia.
EtherCAT (E3X-ECT)
CompoNet (E3X-CRT)
80 Page
80 Page
78 Page
Fiber Sensor (E3X-HD0)
Fiber Sensor (E3X-MDA0)
Laser Photoelectric Sensor (E3C-LDA0)
Proximity Sensor (E2C-EDA0)
E3X-HD Series
Threshold
+ Incident
Level
* E3NW-CRT Sensor Communications Units (CompoNet) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com