Electronic Components Datasheet Search
  English  ▼

X  

PFP Datasheet(PDF) 84 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 84 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 80Page - Omron Electronics LLC PFP Datasheet HTML 81Page - Omron Electronics LLC PFP Datasheet HTML 82Page - Omron Electronics LLC PFP Datasheet HTML 83Page - Omron Electronics LLC PFP Datasheet HTML 84Page - Omron Electronics LLC PFP Datasheet HTML 85Page - Omron Electronics LLC PFP Datasheet HTML 86Page - Omron Electronics LLC PFP Datasheet HTML 87Page - Omron Electronics LLC PFP Datasheet HTML 88Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
84
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
85
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
84
85
(1) Restore from the Incident Level Changed due to Dust and Dirt
(3) Reset Settings
• Power Tuning
Hold
and
buttons for 1 second or longer without a
workpiece in the area.
1.
• Setting Reset
(4) Save or Read Settings
1.
(5) Prevent Mistake-operation
Disables all button operations. [
] is displayed when the button
is pressed.
1.
2.
2.
(2) Stable Detection Regardless of Incident Level Change due to Dust and Dirt
Perform Smart Tuning.
1.
Set the DPC function ON in SET mode.
2.
Incident light level setting:
The Step 1 incident level is adjusted to the power tuning level.
Threshold setting:
Not changed. If the value is low, it will be set to the minimum
value in which an output is turned ON/OFF correctly.
Initializes all the settings by returning them to the factory defaults.
,n
hs
t,ff
,ffd
500
stnd
500
6000
shs
125
,ff
10
----
MODE
MODE
MODE
MODE
Detection
Function
Response
Time
Light
Level
STND
Standard
mode
SHS
Super-high-
speed mode*
GIGA
Giga mode
HS
High-speed
mode
1 ms
50 μs
55 μs
NPN
PNP
16 ms
250 μs
12 times
0.25 times
1 time
1
(Standard)
2. Detection
Function
3. DPC
Function
4. Timer
Function
UP/DOWN
6. Percentage
Tuning
MODE
One-shot Timer
Keeps the output
ON for a specified
time regardless of
the workpiece
size variations.
T
T
T
T
T
T
Off-delay Timer
Holds the output
ON for detection
by PLC when the
detection time is
too short.
On-delay Timer
Delays the
output ON after
detection.
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
D-ON
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
D-ON
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
D-ON
UP/DOWN
UP/DOWN
UP/DOWN
(Incident Light Level Example)
dflt
MODE
UP/DOWN
1. Function
Selection
5. Power
Tuning
Level
Refer to “Convenient
Setting Features”
Smart Tuning is canceled if the
detection mode is changed.
* The communication and mutual
interference prevention functions are
disabled when the detection mode is
set to super-high-speed mode.
Setting Output Timer
Changing the Target Incident
Light Level (Power Tuning Level)
Detecting Transparent or
Small Workpiece
B
A
Function Setting
Description
Function Setting
Description
Changing Light Level and
Response Time
Stable Detection Regardless
of Incident Light Level Change
Function Selection:
[dflt]
Function Selection: [,pt]
10
n-d
10
,n-d
9999
p-lv
,ff
per
,n
per
10
9. Inverted
Display
8. Digital
Display
MODE
MODE
MODE
B
A
UP/DOWN
UP/DOWN
UP/DOWN
Eco on
Indicators (Green and Red digital displays)
turn OFF in approx. 10 seconds after a
key operation.
Eco Lo
Indicators (Green and Red digital displays)
turn ON with low brightness in approx.
10 seconds after a key operation.
Inverts the display upside down.
The digital display shows the threshold
value in red, and light incident level in
green.
10. Eco
Function
Changing Digital Display in
RUN Mode for Specific Purpose
Mounting Amplifier in Inverted
Direction
Saving Power Consumption
Setting Threshold using a Small or
Fast Moving Workpiece
Adjusting Optical Axis
Checking the Channel No. in
Group Mounting
The ratio of the incident
light level to the threshold
is displayed in red digital
figures.
Holds the peak incident
light level and displays
it in green digital figures.
Checking the Channel
No. in Group Mounting.
Displays the current
level in the 80 to 120%
range against the
threshold value (100%).
Threshold Light Level
Ratio
Peak Light
Level
Light
Level
Checking a Margin Against Threshold
Threshold
Setting for Intuitive Analog Display
120% 100% 80%
3000
3500
2000
Ch. No.
Light Level
3000
150p
Peak Light
Level
Bottom
Light Level
8000 2000
std
bar
p-b
per
UP/DOWN
3
2
5
4
1
,ff
,n
v,
,ff
rev
7. Differential
Function
MODE
Differential
Setting
Response
Time
1
2
3
4
5
250 μs
500 μs
1 ms
10 ms
100 ms
Detecting Incident Light Level
Change
,ff
MODE
• Key Lock Function
Enable/Cancel
(This procedure)
(6) Reset Incident Light Level to "0"
Changes the incident light level to "0". The threshold level is also
shifted accordingly.
• Zero Reset Function
3.
3.
2.
3.
* Settings for other functions are returned
to the detailed setting initial values.
User-saved settings are retained.
Smart Tuning is canceled.
Saves the current settings.
Reads out the saved settings.
TUNE
Refer to “Convenient
Setting Features”
Refer to “Smart Tuning”
(a)
(b)
(c)
(d)
(a)
(b)
(c)
(d)
(e)
(a)
(b)
(c)
(d)
(e)
(a)
(b)
(c)
(a)
(b)
(c)
(d)
(a)
(b)
(c)
Perform the procedure with a workpiece in the area for reflective model setting.
If the setting is made after position tuning, set both the through-beam model
and reflective model with a workpiece.
• Steps 1 and 2 can be reversed.
• The DPC function will be disabled when a smart tuning error occurs,
differential function with maximum sensitivity tuning is performed,
or the first incident light level of the positioning tuning is low.
• The incident light level is corrected to the power tuning level to
maintain stable threshold and incident light levels. This provides stable
detection regardless of the incident level changes caused by dirty
sensor head, position error, or temperature changes.
The zero reset function is canceled when either of the DPC
function/differential function/Smart Tuning is performed.
The incident light level in
SET mode is a reference value.
It may be changed when switched
to detection mode.
* Press either of UP/DOWN.
Refer to “•Smart Tuning Error" for error displays.
Refer to "Smart Tuning"
Refer to "Power Tuning"
Refer to “Detailed Settings”.
ptun
st
Hold both for 1 sec. or longer
Incident
Light
Level
Threshold
Level
Stabilizes the displayed incident
level by correcting internal
incident level changes.
Time
Displayed incident Light Level
The displayed incident
level decreases and the
DPC indicator starts
blinking when incident
level correction is not
possible.
rst
Hold both for 3 sec. or longer
0
-1999
Hold both for 3
sec. or longer
2000
4000
Hold both for 3
sec. or longer
The DPC indicator turns ON
when the DPC function is
effective.
Convenient Setting Features
Detailed Settings
Setting is Completed
Internal
Incident Light
Level
Hold
button and then hold
button for 3 seconds or longer.
L/D
TUNE
MODE
UP/DOWN
Select [rst
] in
and press
button.
Item
Initial Value
55
L-ON
Threshold Value
Control Output
L/D
Caution is required; the output is inverted if
button is
pressed first.
Hold
button and then hold
button for 3 seconds or longer.
L/D
TUNE
• User Save Function
• User Reset Function
L/D
Caution is required; the output is inverted if
button is
pressed first.
Select [save] in
and
press
button.
UP/DOWN
MODE
Select [save yes] in
and press
button.
UP/DOWN
MODE
Select [rst] in
and
press
button.
UP/DOWN
MODE
Select [rst user] in
and press
button.
UP/DOWN
MODE
Hold both for 3 sec. or
longer
Enable
Cancel
Hold
button for 3 seconds or longer to enter SET mode.
MODE
SET mode provides the function settings described hereafter. The initial display
shown after transition from one function to another represents the factory default.
Changing Functions to Set in
SET Mode
[dflt]: Functions 1. to 5. can be set
[,pt]: Functions 1. to 10. can be set.
A
A timer value can be set after pressing
button when a timer menu (other
display than “----”) is displayed.
Use
button to set the time.
(1 to 9999 ms in 1 ms steps; the
initial value: 10 ms)
MODE
UP/DOWN
Use
button to set the power
tuning level.
[100 to 9999 in 1 steps; the initial
value: 9999]
UP/DOWN
Press
button in [per ,n] menu,
then use
button to set the
percentage tuning level.
(−99% to 99% in 1% steps; the initial
value: −10%)
MODE
UP/DOWN
Detects if the absolute value of the
incident light level change of the set
response time is larger than the
threshold value. The display shows the
change of the incident light level of the
set response time in red.
Use
button to specify the
response time.
When the differential function is
enabled, the detection function setting
is disabled.
Smart tunings except power tuning
are disabled.
The adjustment range of power tuning
is approx. 1 to 1/100 times.
UP/DOWN
Holds and displays the
minimum value of the
peak of the light incident
and the maximum value
of the bottom of the light
interruption.
• DPC Function (Use of the function with Through-beam
model or Retro-reflective model is recommended)
l,
MODE
UP/DOWN
Select [rst] in
and press
button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com