Electronic Components Datasheet Search
  English  ▼

X  

PFP Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 18Page - Omron Electronics LLC PFP Datasheet HTML 19Page - Omron Electronics LLC PFP Datasheet HTML 20Page - Omron Electronics LLC PFP Datasheet HTML 21Page - Omron Electronics LLC PFP Datasheet HTML 22Page - Omron Electronics LLC PFP Datasheet HTML 23Page - Omron Electronics LLC PFP Datasheet HTML 24Page - Omron Electronics LLC PFP Datasheet HTML 25Page - Omron Electronics LLC PFP Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Beam Improvements
Small-Spot, Reflective (Minute Object Detection)
Beam Improvements
Small-Spot, Reflective (Minute Object Detection)
22
22
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
23
23
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Small-spot Lens Unit → This Page
Variable-spot, Parallel-light-spot,
Integrated lens → 20 Page
5.5
8
10 dia.
8
30
M6×0.75
Depth: 3.9
Lens surface
(lens diameter: 9.4 dia.)
46.1
2,000
30
M6×0.75 (Nickel-plated brass)
Two, 2.2 dia.
10 dia.
41.1
M6×0.75 (Nickel-plated brass)
2,000
10 dia.
30
6
Two, 2.2 dia.
E32-C31 2M
E32-C41 1M
E32-C21N 2M
E32-C31 2M
E32-C41 1M
E32-C21N 2M
E32-CC200 2M
E32-C91N 2M
Short-
distance,
small-spot
Medium-
distance,
small-spot
Long-
distance,
small-spot
0.5 dia.
0.1 dia.
0.5 dia.
0.2 dia.
3 dia.
7
17
50
R25
R25
R25
Flexible, R2
Flexible, R2
Flexible, R4
E39-F3B
E39-F18
E39-F3A-5
23-A
23-B
23-C
23-D
23-E
23-F
23-G
23-H
Spot
diameter
Center
distance
(mm)
Type
Models
Models
Appearance(mm)
Fiber Units
Lens Units + Fiber Units
Lens Units
Bending
radius of cable
23 Page
Dimensions
No.
Small-spot Models
Lens Units + Fiber Units
M3
16.5
5 dia.
M3
16.5
5 dia.
M3
6 dia.
25.2
M3
25.2
6 dia.
M6
10 dia.
30
M6
10 dia.
30
* The spot diameter and the center distance are the same when using with E3X-HD series or E3NX-FA series.
M3
16.5
5 dia.
M3
6 dia.
25.2
E32-C41 1M
(No Cutting) + E39-F3A-5
E39-F3A-5
23-A
E39-F3B
E32-C91N 2M
(Free Cutting) + E39-F18
E39-F18
23-H
23-G
E32-CC200 2M
(Free Cutting) + E39-F18
E32-C31 2M
(Free Cutting) + E39-F3B
23-E
E32-C21N 2M
(Free Cutting) + E39-F3B
23-F
E32-C31 2M
(Free Cutting) + E39-F3A-5
23-B
E32-C21N 2M
(Free Cutting) + E39-F3A-5
23-C
Reflective Fiber Units
Dimensions
Installation Information → 58, 61 Page
•
Small-spot is ideal for detecting minute objects.
Select the Fiber Unit that is best suited for the workpiece size and installation
distance.
(Refer to Reference Information for Model Selection)
Specifications
Reflective Fiber Units
Spot diameter
Center distance
Optical axis diameter
Models
0.1 dia.
5
2.4
0.1 dia.
7
3.7
0.2 dia.
17
4.8
0.5 dia.
7
3.7
0.5 dia.
17
4.8
4 dia.
0 to 20
3.7
6 dia.
50
10
3 dia.
50
9.4
Model Selection Tips
<Map of Spot Diameters and Center Distances>
(Unit: mm)
E32-L15
E39-F3C
+
E32-C31
E32-C21N
E39-F3B
+
E32-C31
E32-C21N
E39-F3A-5
+
E32-C31
E32-C21N
E39-F3B
+
E32-C41
E39-F3A-5
+
E32-C41
E32-C42S
E39-F18
+
E32-CC200
E32-C91N
Center
distance
Spot diameter
Optical
axis
diameter
*
*
* Refer to page 20 for details.
*
Select the best model by following these steps.
1. Select the model based on the spot diameter
suitable for the workpiece size.
* The Variable-spot Type is useful if there are
different sensing object sizes.
2. Select the model based on the allowable
installation distance and center distance.
- Reference Information for Model Selection -
* Attached with adhesive and cannot be removed.
Fiber Attachment*
Irrax tube: 2.6 dia.
Brancher
(ABS resin): 3.5 dia.
Two, 1.2 dia.
White marks:
Emitter side
M3×0.5 (SUS303)
Opposite side 5.5,
thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
1,000
34
16.5
6.5
29
5 dia.
Material:
Aluminum for body and optical
glass for lens
6.5
16.5
Lens surface
(lens diameter: 3.7 dia.)
Straight knurling
5 dia.
4 dia.
2.1 dia.
M3×0.5
Effective screw
length: 3
Note:
This is a Lens Unit for the E32-C41, E32-C31 and E32-C31N.
37
16.5
6.5
5 dia.
M3×0.5 (SUS303) Two, 1 dia.
32
2,000
E39-F9: Provided
Note:
There is a white line on the emitter fiber.
Note:
There is a white line on the emitter fiber.
Note:
There is a white tube on the emitter fiber.
Fiber Attachment*
42.8
25.2
37.8
6 dia.
Irrax tube: 2.6 dia.
Brancher
(ABS resin):
3.5 dia.
Two, 1.2 dia.
White marks:
Emitter side
M3×0.5 (SUS303)
Opposite side 5.5,
thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
1,000
E32-C41 1M
(No Cutting) + E39-F3B
23-D
Note:
This is a Lens Unit for the E32-C41, E32-C31 and E32-C31N.
Material:
Aluminum for body and optical
glass for lens
25.2
Lens surface
(lens diameter: 4.8 dia.)
M3×0.5
Depth: 4.4
24.1
5.5 dia.
6 dia.
45.8
25.2
M3×0.5 (SUS303)
Two, 1 dia.
40.8
6 dia.
2,000
E39-F9: Provided
Note:
There is a white line on the emitter fiber.
* Attached with adhesive and cannot be removed.
Note:
There is a white tube on the emitter fiber.
Note:
This is a Lens Unit for the E32-C91N and E32-CC200.
Material:
Aluminum for body and optical
glass for lens
Note:
There is a white line on the emitter fiber.
Note:
There is a white line on the emitter fiber.
M3×0.5
(Trivalent chrome-plated zinc alloy)
Two, 1.3 dia.
2,000
5 dia.
Fiber Attachment
(E39-F9W13) provided
24.5
6
16.5
6.5
M3×0.5
(Trivalent chrome-plated zinc alloy)
Two, 1.3 dia.
6 dia.
Fiber Attachment
(E39-F9W13) provided
2,000
33.3
25.2
6
Note:
There is a white line on the emitter fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com