Electronic Components Datasheet Search
  English  ▼

X  

PFP Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 42Page - Omron Electronics LLC PFP Datasheet HTML 43Page - Omron Electronics LLC PFP Datasheet HTML 44Page - Omron Electronics LLC PFP Datasheet HTML 45Page - Omron Electronics LLC PFP Datasheet HTML 46Page - Omron Electronics LLC PFP Datasheet HTML 47Page - Omron Electronics LLC PFP Datasheet HTML 48Page - Omron Electronics LLC PFP Datasheet HTML 49Page - Omron Electronics LLC PFP Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Environmental Immunity
Heat-resistant
Environmental Immunity
Heat-resistant
46
46
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
47
47
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → 44 page
Reflective → This page
E32-D51R 2M
(Free Cutting)
E32-A09H2 2M
(No Cutting)
47-A
47-E
E32-D51 2M
(Free Cutting)
E32-D611-S 2M
(No Cutting)
47-B
47-F
E32-D81R-S 2M
(No Cutting)
E32-D61-S 2M
(No Cutting)
47-C
47-G
E32-A08H2 2M
(No Cutting)
E32-D73-S 2M
(No Cutting)
47-D
47-H
5
60
20
10
2,000
5
A
B
4 dia.
SUS flexible tube 2.8 dia.
2.5
dia.
1.65 dia.
Stainless-steel tube
1.25 dia.
25 (C)
2.2 dia.
*
4.5
5
8.5
Sensing surface
1 dia.
M4×0.7 (SUS303)
Opposite side 7, thickness 2.4 (SUS304)
Washer (SUS)
Sensing surface
6.5±0.1
Two, M3
1.5
4 dia. 8.6
(5)
4 10.7
6.5
Mounting holes
4 dia.
2.2 dia.
(SUS303)
Flexible tube:
Two, 2.9 dia
(Stainless steel)
Sleeve (Aluminum)
A
Two, 3.4 dia. mounting holes
with two, 6.3 dia. countersinks on one side
5
30 (B)
2,000
18
26
Note:
The maximum allowable temperatures for
sections A and B are 300°C and 110°C,
respectively.
Note:
The maximum allowable temperatures for sections A, B, and C are
400°C, 300°C, and 110°C, respectively.
The section inserted into the Amplifier Unit (indicated by *) must be
maintained within the Amplifier Unit's operating temperature range.
Sensing
surface
1.2 dia.
25 (B)
2.2 dia.
Fluororesin tube
*
4.5
5
8.5
M4×0.7
3
2
20
5
(70)
A
2,000
Protective tube
Opposite side 10, thickness 2.4 (SUS303)
Washer (SUS)
M6×0.75 (SUS303)
A
25 (B)
20
5 *3
2,000
2.2 dia.
5 dia. *2
SUS flexible tube 3.5 dia.
M4×0.7
*1
4.5
5
8.5
3
2
M6×0.75 (SUS303)
Sensing surface
1.4 dia.
Opposite side 10, thickness 2.4 (SUS303)
Washer (SUS)
*2. The diameter is 6 dia. if the fiber
length exceeds 10 m.
*3. The length is 10 if the fiber length
exceeds 10 m.
Note:
The maximum allowable temperatures for sections A and B are 200°C and
110°C, respectively. The section inserted into the Amplifier Unit (indicated
by *) must be maintained within the Amplifier Unit's operating temperature
range.
Note:
The maximum allowable temperatures
for sections A and B are 350°C and
110°C, respectively. The section inserted
into the Amplifier Unit (indicated by
*1) must be maintained within the Amplifier
Unit's operating temperature range.
Sensing surface
Two, 1.5 dia.
4.9
Two, 2.2 dia.
13
3
17
2,000
M6×0.75 (Nickel-plated brass)
3.1
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
SUS flexible tube 2.9 dia.
5
2.2 dia.
2.4
Sensing surface
1 dia.
Opposite side 7,
thickness 2.4 (SUS)
Washer (SUS)
M4×0.7 (SUS304)
4 dia.
20
28
A
25 (B)
2,000
8.5
4.5
Note:
The maximum allowable temperatures for sections
A and B are 350°C and 110°C, respectively.
The section inserted into the Amplifier Unit (indicated
by *) must be maintained within the Amplifier Unit's
operating temperature range.
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
M6×0.75 (SUS303)
Sensing surface
Two, 1 dia.
5.2
Two, 2.2 dia.
17.5
2,000
3.5
4 dia.
28 (B)
7
12
A
5
2,000
*
(SUS303)
Two, 2.8 dia. flexible tubes
(SUS304)
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
Sensing
surface
Lenses 5.8 dia.
4 dia. 2.2 dia.
8.9
30
9
24
Note:
The maximum allowable temperatures for sections A and B
are 300°C and 110°C, respectively. The section inserted into
the Amplifier Unit (indicated by *) must be maintained within
the Amplifier Unit's operating temperature range.
*
630
180
420
120
10 to 20
10 to 20
20 to 30
20 to 30
1,000
280
1,680
480
630
180
M6
25
30
9
24
26
5
18
M4
φ1.65
30
60
M4
28
M6
25
M6
17
M6
17.5
Heat-
resistant
temperature
E32-D51R 2M
100°C *1
150°C *2
200°C *3
300°C
350� *3
400°C *3
70�
Flexible,
R2
R35
R10
R25
Soda glass with
reflection factor
of 7%
End surface of
soda glass with
eflection factor
of 7%
(t = 0.7 mm,
rounded edges)
(5 μm dia./
2 μm dia.)
(5 μm dia./
2 μm dia.)
E32-D51 2M
420
80
47-A
47-B
E32-D81R-S 2M
47-C
E32-A08H2 2M
47-D
E32-A09H2 2M
E32-D611-S 2M
E32-D61-S 2M
E32-D73-S 2M
47-E
47-F
47-G
47-H
Standard Fiber Units
can be used.
−
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Standard
sensing object
(minimum
sensing object)
Models
47 Page
Dimensions
No.
ST :
SHS:
670
144
ST :
SHS:
270
54
ST :
SHS:
IP50
IP67
IP30
IP40
IP67
IP67
10 to 20
−
ST :
SHS:
20 to 30
−
ST :
SHS:
270
54
ST :
SHS:
180
36
ST :
SHS:
420
120
280
80
10 to 20
10 to 20
20 to 30
20 to 30
670
190
1,120
320
280
80
420
120
E3X-HD
ST :
SHS:
450
144
ST :
SHS:
180
54
ST :
SHS:
10 to 20
−
ST :
SHS:
20 to 30
−
ST :
SHS:
180
54
ST :
SHS:
120
36
ST :
SHS:
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Specifications
Dimensions
• Wide product variety for temperatures from 100 to 400°C.
Select the model according to heat-resistant temperature.
Reflective Fiber Units
Installation Information → 58, 59 Page
Reflective Fiber Units
*1 For continuous operation, use the Fiber Unit between −40 to 90°C.
*2 For continuous operation, use the Fiber Unit between −40 to 130°C.
*3 The heat-resistant rating is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
Sleeve bending
radius
: 10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com