Electronic Components Datasheet Search
  English  ▼

X  

PFP Datasheet(PDF) 80 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 80 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 76Page - Omron Electronics LLC PFP Datasheet HTML 77Page - Omron Electronics LLC PFP Datasheet HTML 78Page - Omron Electronics LLC PFP Datasheet HTML 79Page - Omron Electronics LLC PFP Datasheet HTML 80Page - Omron Electronics LLC PFP Datasheet HTML 81Page - Omron Electronics LLC PFP Datasheet HTML 82Page - Omron Electronics LLC PFP Datasheet HTML 83Page - Omron Electronics LLC PFP Datasheet HTML 84Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
80
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
81
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
80
81
Pre-wired Amplifier Units
E3X-HD11
E3X-HD41
Amplifier Units with Wire-saving Connectors
Amplifier Unit with Connector
for Sensor Communications Unit
E3X-HD6
E3X-HD8
E3X-HD0
80-A
81-A
81-C
Amplifier Units with M8 Connectors
E3X-HD14
E3X-HD44
81-B
E3X-CN11 (3 conductors)
E3X-CN12 (1 conductor)
4.0 dia.
2.6 dia.
* The cable diameters are as follows:
Note:
When using E39-L143 Mounting
Brackets, there will be small gaps
between the Amplifier Units if they
are mounted side by side.
The dimensions are the same as the E3X-HD6/8,
except for the connector.
A
*
(13)
A
*
Mouting Holes
With Mounting Braket Attached
DIN track mounting
DIN track mounting
5.1
71.8
20.5
33.5 (16.5)
3.4
Optical
communications
(9.4) 16
Two, 3.2 dia.
Holes
16
29.9
4.4
3.4
E39-L143 Mounting Bracket
(sold separately, SUS304)
10.3
DPC indicator
ST indicator
27.1
21.7
L/D indicator
Incident level
red digital display
Threshold level
green digital display
OUT indicator
Two,
2.4 dia.
10
4.5
5.65
104.8
5.1
20.5
146.9
33.5
(37.9)
(16.5)
3.4
(20.3)
170°(max. value with cover open)
49.2
71.8
16
Two-M3
27.1
21.7
OUT indicator
L/D indicator
ST indicator
DPC indicator
Incident level
red digital display
Threshold level
green digital display
10
4.5
5.65
11.5
13.8
Two,
2.4 dia.
104.8
Fiber Attachment (E39-F9) attached
5.1
71.8
20.5
(37.9)
3.4
(39.3)
3.4
9.9
90.8
Optical communications
100°(max. value with cover open)
103.5
33.5
(13)
Fiber Attachment (E39-F9) attached
4.3
(16.5)
Note:
When using E39-L143 Mounting
Brackets, there will be small gaps
between the Amplifier Units if they
are mounted side by side.
Mouting Holes
With Mounting Braket Attached
DIN track mounting
Vinyl-insulated round cable, 4 dia., 3 conductors
(conductor cross-section: 0.2 mm2, insulation diameter: 1.1 mm),
standard cable length: 2 m
Minimum bending radius: 12 mm
L/D indicator
21.7
27.1
OUT indicator
Threshold level
green digital display
Incident level
red digital display
DPC indicator
ST indicator
Two,
2.4 dia.
10
4.5
5.65
104.8
Fiber Attachment (E39-F9) attached
5.1
(16.5)
(37.9)
(20.3)
71.8
12.7
20.5
3.4
Optical communications
146.9
170° (max. value with cover open)
49.2
33.5
16
Two-M3
(9.4)
16
29.9
4.4
3.4
5.1
71.8
12.7
20.5
3.4
(16.5)
16
Optical
communications
Two, 3.2 dia.
Holes
E39-L143 Mounting Bracket
(sold separately, SUS304)
33.5
10.3
4.3
Dimensions
(Unit: mm)
Tolerance class IT16 applies to demmensions in this date sheet unless otherwise specified.
(max. value
with cover
open)
(max. value
with cover
open)
(max. value
with cover
open)
PFP- N DIN Track
(sold separately)
PFP- N DIN Track
(sold separately)
PFP- N DIN Track (sold separately)
12.7
M8 connector
11.2
Power tuning, differential detection, DPC, timer (OFF-delay, ON-delay, or one-shot), zero reset, resetting settings, and Eco mode
Type
NPN output
PNP output
Connecting method
Super-high-speed
mode (SHS)
*4
High-speed mode (HS)
Standard mode (Stnd)
Giga-power mode (GIGA)
Case
Cover
Cable
Item
Light source (wavelength)
Power supply voltage
Protection circuits
Response
time
Mutual interference prevention
Auto power control (APC)
Other functions
Ambient humidity range
Insulation resistance
Dielectric strength
Vibration resistance (destruction)
Shock resistance (destruction)
Degree of protection
Weight (packed state/unit only)
Accessories
Ambient temperature range
Materials
Control output
Pre-wired
Wire-saving Connector
*2
Standard
Model for Sensor Communications Unit
*1
E3X-HD8
E3X-HD6
E3X-HD41
E3X-HD11
M8 Connector
E3X-HD44
Connector for Sensor Communications Unit
E3X-HD0
E3X-HD14
Operating:
Groups of 1 to 2 Amplifier Units: −25 to 55°C,
Groups of 3 to 10 Amplifier Units: −25 to 50°C,
Groups of 11 to 16 Amplifier Units: −25 to 45°C
Storage: −30 to 70°C (with no icing or condensation)
Operating:
Groups of 1 to 2 Amplifier Units: 0 to 55°C,
Groups of 3 to 10 Amplifier Units: 0 to 50°C,
Groups of 11 to 16 Amplifier Units: 0 to 45°C,
Groups of 17 to 30 Amplifier Units: 0 to 40°C
Storage: −30 to 70°C (with no icing or condensation)
with E3X-CRT: 16 units
with E3X-ECT: 30 units *3
Load power supply voltage: 26.4 VDC max., open-collector output
Load current: Groups of 1 to 3 Amplifier Units: 100mA max.,
Groups of 4 to 16 Amplifier Units: 20mA max.
Residual voltage: At load current of less than 10 mA: 1 V max.,
At load current of 10 to 100 mA: 2 V max.
OFF current: 0.1mA max.
720 mW max. (Current consumption: 30 mA max. at 24 VDC, 60 mA max. at 12 DVC)
530 mW max. (Current consumption: 22 mA max. at 24 VDC, 44 mA max. at 12 VDC)
640 mW max. (Current consumption: 26 mA max. at 24 VDC, 53 mA max. at 12 VDC)
Power supply reverse polarity protection, output short-circuit protection and
output reverse polarity protection
Power supply reverse polarity protection
and output short-circuit protection
SuppliedfromtheconnectorthroughtheSensorCommunicationsUnit
--
--
--
Red, 4-element LED (625 nm)
12 to 24 VDC ±10%, ripple (P-P) 10% max.
NPN outputs: Operate or reset: 50 μs
PNP outputs: Operate or reset: 55 μs
Operate or reset: 250 μs (default setting)
Operate or reset: 1 ms
Operate or reset: 16 ms
Possible for up to 10 units (optical communications sync) *4
Always ON
Incandescent lamp: 20,000 lx max., Sunlight: 30,000 lx max.
Maximum connectable Units
16 units
Operating and storage: 35% to 85% (with no condensation)
20 MΩ min. (at 500 VDC)
1,000 VAC at 50/60 Hz for 1 min
10 to 55 Hz with a 1.5-mm double amplitude for 2 hours each in X, Y, and
Z directions
500 m/s2 for 3 times each in X, Y, and Z directions
IEC 60529 IP50 (with Protective Cover attached)
Approx. 105 g/Approx. 65 g
Polycarbonate (PC)
Polycarbonate (PC)
PVC
Instruction Manual
150 m/s2 for 3 times each in X, Y, and Z directions
10 to 150 Hz with a 0.7-mm double amplitude
for 80 minutes each in X, Y, and Z directions
Approx. 60 g/Approx. 20 g Approx. 70 g/Approx. 25 g
--
Approx. 65 g/Approx. 25 g
Heat-resistant ABS (connector: PBT)
*1.The E3X-ECT EtherCAT Sensor Communications Unit and the E3X-CRT CompoNet Sensor Communications Unit can be used.
*2. Use either the E3X-CN11 (master connector, 3 conductors) or the E3X-CN12 (slave connector, 1 conductor).
*3. When connected to an OMRON NJ-series Controller.
*4. The communications function and matual interference prevention function are disabled when the detection mode is set to Super-high-speed mode (SHS).
When including E3X-DA-S with activated power tuning the maximum number of mutual interference prevention is up to 6.
When including E3X-MDA with activated power tuning the maximum number of mutual interference prevention is up to 5.
Ratings and Specifications
Power
consumption
Normal mode
Eco ON
Eco LO
Ambient Illumination (Receiver side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com