Electronic Components Datasheet Search
  English  ▼

X  

CC1404P Datasheet(PDF) 17 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 13Page - Texas Instruments CC1404P Datasheet HTML 14Page - Texas Instruments CC1404P Datasheet HTML 15Page - Texas Instruments CC1404P Datasheet HTML 16Page - Texas Instruments CC1404P Datasheet HTML 17Page - Texas Instruments CC1404P Datasheet HTML 18Page - Texas Instruments CC1404P Datasheet HTML 19Page - Texas Instruments CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-1000
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level Positive
offset
1000
ppm
Wi-SUN, 300kbps, ±75kHz deviation, FSK, 339kHz RX BW, #5
Sensitivity
300kbps, ±75kHz deviation, FSK, 922.6MHz, 10% PER, 250 byte payload (w/
uLNA)
-104
dBm
Sensitivity
300ksps (150kbsp), ±75kHz deviation, FSK, 922.6MHz, 10% PER, 250 byte
payload (w/uLNA), FEC enabled
-106
dBm
Saturation limit
10% PER, 250 byte payload, 922.6MHz
10
dBm
Selectivity, +600kHz
10% PER, 250 byte payload, wanted level -80dBm, CW interferer
47
dB
Selectivity, -600kHz
10% PER, 250 byte payload, wanted level -80dBm, CW interferer
40
dB
Selectivity, +1200kHz
10% PER, 250 byte payload, wanted level -80dBm, CW interferer
54
dB
Selectivity, -1200kHz
10% PER, 250 byte payload, wanted level -80dBm, CW interferer
51
dB
Image rejection (image compensation
enabled)
10% PER, 250 byte payload, wanted level -80dBm, CW interferer
39
dB
Blocking, +2MHz
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
59
dB
Blocking, -2MHz
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
58
dB
Blocking, +10MHz
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
64
dB
Blocking, -10MHz
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
73
dB
Blocking + 5% Fc. (43.42MHz)
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
-18
dBm
Blocking - 5% Fc. (-43.42MHz)
10% PER, 250 byte payload, wanted level -86dBm, CW interferer
-14
dBm
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-125
ppm
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Positive offset
125
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-1000
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level Positive
offset
1000
ppm
O-QPSK, 0.75-6kbps, 12ksps, 14KHz RX BW
Sensitivity
BER = 0.1%, O-QPSK, 0.75kbps, 920.8MHz, w/uLNA
-131
dBm
Sensitivity
BER = 0.1%, O-QPSK, 1.5kbps, 920.8MHz
-130
dBm
Sensitivity
BER = 0.1%, O-QPSK, 3kbps, 920.8MHz, w/uLNA
-127
dBm
Sensitivity
BER = 0.1%, O-QPSK, 6kbps, 920.8MHz, w/uLNA
-127
dBm
Saturation
BER = 0.1%, O-QPSK, 6kbps, 868.3MHz, w/uLNA
-5
dBm
Selectivity, +25kHz
O-QPSK, 0.75kbps, 15% PER, 20 byte PDSU
46
dB
Selectivity, +25kHz
O-QPSK, 1.5kbps, 15% PER, 20 byte PDSU
46
dB
Selectivity, +25kHz
O-QPSK, 3kbps, 15% PER, 20 byte PDSU
43
dB
Selectivity, +25kHz
O-QPSK, 6kbps, 15% PER, 20 byte PDSU
43
dB
Selectivity, -25kHz
O-QPSK, 0.75kbps, 15% PER, 20 byte PDSU
46
dB
Selectivity, -25kHz
O-QPSK, 1.5kbps, 15% PER, 20 byte PDSU
46
dB
Selectivity, -25kHz
O-QPSK, 3kbps, 15% PER, 20 byte PDSU
43
dB
Selectivity, -25kHz
O-QPSK, 6kbps, 15% PER, 20 byte PDSU
43
dB
Selectivity, +50kHz
O-QPSK, 0.75kbps, 15% PER, 20 byte PDSU
52
dB
Selectivity, +50kHz
O-QPSK, 1.5kbps, 15% PER, 20 byte PDSU
52
dB
Selectivity, +50kHz
O-QPSK, 3kbps, 15% PER, 20 byte PDSU
50
dB
Selectivity, +50kHz
O-QPSK, 6kbps, 15% PER, 20 byte PDSU
49
dB
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com