Electronic Components Datasheet Search
  English  ▼

X  

CC1404P Datasheet(PDF) 38 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments CC1404P Datasheet HTML 40Page - Texas Instruments CC1404P Datasheet HTML 41Page - Texas Instruments CC1404P Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Figure 8-4. Switchless dual-PA reference design
8.1.5 Antenna Kit for LaunchPad
Sub-1 GHz and 2.4 GHz Antenna Kit for LaunchPad™ Development Kit and SensorTag
The antenna kit allows real-life testing to identify the optimal antenna for your application. The antenna kit
includes 16 antennas for frequencies from 169MHz to 2.4GHz, including:
• PCB antennas
• Helical antennas
• Chip antennas
• Dual-band antennas for 868MHz and 915MHz combined with 2.4GHz
The antenna kit includes a JSC cable to connect to the Wireless MCU LaunchPad Development Kits and
SensorTags.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
38
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com