Electronic Components Datasheet Search
  English  ▼

X  

CC1404P Datasheet(PDF) 23 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 19Page - Texas Instruments CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments CC1404P Datasheet HTML 23Page - Texas Instruments CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Image rejection (image compensation
enabled)
915.0MHz. Wanted signal 3dB above sensitivity level.
27
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-80
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
80
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-2000
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level Positive offset
2000
ppm
GFSK, 1000kbps, ±250kHz deviation, 1185kHz RX BW
Sensitivity
GFSK, 1000kbps, 2-GFSK, 915.0MHz, 0.1% BER (w/uLNA)
-98
dBm
Saturation limit
915.0MHz
10
dBm
Selectivity, +1000kHz
915.0MHz. Wanted signal at -84dBm
41
dB
Selectivity, -1000kHz
915.0MHz. Wanted signal at -84dBm
27
dB
Blocking, +2MHz
915.0MHz. Wanted signal at -84dBm
43
dB
Blocking, -2MHz
915.0MHz. Wanted signal at -84dBm
40
dB
Blocking, +10MHz
915.0MHz. Wanted signal at -84dBm
62
dB
Blocking, -10MHz
915.0MHz. Wanted signal at -84dBm
61
dB
Blocking + 5% Fc. (43.42MHz)
915.0MHz. Wanted signal at -84dBm
64
dB
Blocking - 5% Fc. (-43.42MHz)
915.0MHz. Wanted signal at -84dBm
63
dB
Image rejection (image compensation
enabled)
915.0MHz. Wanted signal at -84dBm
27
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-400
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
350
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-1800
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level Positive offset
1800
ppm
NB-FSK, 9.6 kbps, ±2.4 kHz deviation, 17.7kHz RX BW
Sensitivity
BER = 0.1%, with uLNA, 869.225MHz
-119
dBm
Saturation limit
BER = 0.1%, with uLNA, 869.225MHz
10
dBm
Selectivity, +25kHz
Wanted Level -100dBm, CW interferer, BER 0.1%
47
dB
Selectivity, -25kHz
Wanted Level -100dBm, CW interferer, BER 0.1%
47
dB
Selectivity, +50kHz
Wanted Level -100dBm, CW interferer, BER 0.1%
47
dB
Selectivity, -50kHz
Wanted Level -100dBm, CW interferer, BER 0.1%
47
dB
Blocking, +1MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
70
dB
Blocking, -1MHz
Wanted Level -100dBm, CW interferer, BER 0.1%.
70
dB
Blocking, +2MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
75
dB
Blocking, -2MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
75
dB
Blocking, +5MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
81
dB
Blocking, -5MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
85
dB
Blocking, +10MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
77
dB
Blocking, -10MHz
Wanted Level -100dBm, CW interferer, BER 0.1%
87
dB
Blocking + 5% Fc. (45.75MHz)
Wanted Level -100dBm, CW interferer, BER 0.1%
-17
dBm
Blocking - 5% Fc. (-45.75MHz)
Wanted Level -100dBm, CW interferer, BER 0.1%
-15
dBm
Frequency error tolerance (ppm)
frequency, vs. level vs frequency offset one typical part - bathtubplot
-10
ppm
FSK, 10kbps, ±20kHz deviation, 200kHz RX BW
Sensitivity
FSK, 10kbps, ±20kHz deviation, FSK, 868.3MHz, 20 byte PSDU < 15% PER
-113
dBm
Saturation limit
0.1% BER , 868.3MHz.
10
dBm
Selectivity, +200kHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
43
dB
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com