Electronic Components Datasheet Search
  English  ▼

X  

CC1404P Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
6.18 782 MHz - 957 MHz Transmit (TX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V, fRF = 915 MHz with DC/DC
enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX path.
All measurements are performed conducted. Unless otherwise noted, the 14 dBm setting is measured in a single ended RF
configurations and the 16dBm is in a differential configuration (using the same PA). The 22dBm PA is used in a differential
configuration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ARIB
Spurious emissions out-
of-band, 920.6/928MHz
Below 710MHz (ARIB T-108)
+13 dBm setting
< -36
dBm
710MHz to 900MHz (ARIB T-108)
+13 dBm setting
< -55
dBm
900MHz to 915MHz (ARIB T-108)
+13 dBm setting
< -55
dBm
930MHz to 1000MHz (ARIB T-108)
+13 dBm setting
< -55
dBm
1000MHz to 1215MHz (ARIB T-108)
+13 dBm setting
< -45
dBm
Above 1215MHz (ARIB T-108)
+13 dBm setting
< -30
dBm
Spurious emission, Band
edge
920.6MHz, 928MHz. (ARIB T-108)
+13 dBm setting
< -36
dBm
Harmonics (High
Efficiency PA)
Harmonics (High
Efficiency PA)
Second harmonic
+14dBm setting, 868 MHz
< -30
dBm
Second harmonic
+14dBm setting, 915 MHz
< -30
dBm
Third harmonic
+14dBm setting, 868 MHz
< -30
dBm
Third harmonic
+14dBm setting, 915 MHz
< -42
dBm
Fourth harmonic
+14dBm setting, 868 MHz
< -30
dBm
Fourth harmonic
+14dBm setting, 915 MHz
< -42
dBm
Fifth harmonic
+14dBm setting, 868 MHz
< -30
dBm
Fifth harmonic
+14dBm setting, 915 MHz
< -42
dBm
Harmonics (High Power
PA)
Second harmonic
+22 dBm setting, 868 MHz
< -30
dBm
+22 dBm setting, 915 MHz
< -30
Third harmonic
+22 dBm setting, 868 MHz
< -30
dBm
+22 dBm setting, 915 MHz
< -42
Fourth harmonic
+22 dBm setting, 868 MHz
< -30
dBm
+22 dBm setting, 915 MHz
< -30
Fifth harmonic
+22 dBm setting, 868 MHz
< -30
dBm
+22 dBm setting, 915 MHz
< -42
Modulation quality. RMS
frequency deviation error
50kbps, h=0.5, 866.6MHz
14dBm setting
30
%
Modulation quality.
Maximum zero crossing
offset
12.5
%
O-QPSK, 0.75-6kbps, 12ksps
Adjacent Channel Power
O-QPSK, 6kbps, narrowband PLL
setting, ± 25kHz
+14 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-19
dBm
O-QPSK, 6kbps, narrowband PLL
setting, ± 50kHz
+14 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-31
dBm
O-QPSK, 6kbps, narrowband PLL
setting, ± 50kHz
+22 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-11
dBm
O-QPSK, 6kbps, narrowband PLL
setting, ± 50kHz
+22 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-23
dBm
Transmit spectral mask
Adjacent, 6.25kbps, 915MHz, 22dBm
915MHz, SUN-OQPSK 50kbps (100ksps)
-25
dBc
Alternate, 6.25kbps, 915MHz, 22dBm
-35
dBc
Adjacent channel power
rejection, High Efficiency
PA
Adjacent channel. 10kbps, h=1.0,
918.2MHz
Max setting, channel spacing = 50 kHz, offset
frequency = 30 kHz, integration BW = 15 kHz
-25
dBc
Alternate channel power
rejection, High Efficiency
PA
Alternate channel. 10kbps, h=1.0,
918.2MHz
Max setting, channel spacing = 50 kHz, offset
frequency = 60 kHz, integration BW = 15 kHz
-35
dBc
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com