Electronic Components Datasheet Search
  English  ▼

X  

CC1404P Datasheet(PDF) 22 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 18Page - Texas Instruments CC1404P Datasheet HTML 19Page - Texas Instruments CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments CC1404P Datasheet HTML 23Page - Texas Instruments CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sensitivity
920.8MHz, with uLNA, BER 0.1%
-110
dBm
Sensitivity
868.2MHz, with uLNA, BER 0.1%
-110
dBm
Saturation limit
868.2MHz, BER 0.1%
0
dBm
Selectivity, +400kHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
47
dB
Selectivity, -400kHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
47
dB
Blocking, +2MHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
70
dB
Blocking, -2MHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
70
dB
Blocking, +10MHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
75
dB
Blocking, -10MHz
868.2MHz. Wanted Level -91dBm, CW interferer, BER 0.1%
75
dB
Image rejection (image compensation
enabled)
868.2MHz. Wanted Level -91dBm, BER 0.1%
40
dB
RSSI dynamic range
Starting from the sensitivity limit
95
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Symbol rate error tolerance (ppm)
868.2MHz. Wanted Level -91dBm, BER 0.1%,
±1000
ppm
OOK, 16.384kkps, 78kHz RX BW
Sensitivity
16.384kbps OOK, 32.768kcps, 915.0MHz, 0.1% BER, w/uLNA
-115
dBm
Sensitivity
16.384kbps OOK, 32.768kcps, 868.0MHz, 0.1% BER, w/uLNA
-114
dBm
Saturation limit
915.0MHz. Wanted signal 3dB above sensitivity level
0
dBm
Selectivity, +200kHz
915.0MHz. Wanted signal 3dB above sensitivity level
52
dB
Selectivity, -200kHz
915.0MHz. Wanted signal 3dB above sensitivity level
48
dB
Blocking, +2MHz
915.0MHz. Wanted signal 3dB above sensitivity level
64
dB
Blocking, -2MHz
915.0MHz. Wanted signal 3dB above sensitivity level
59
dB
Blocking, +10MHz
915.0MHz. Wanted signal 3dB above sensitivity level
64
dB
Blocking, -10MHz
915.0MHz. Wanted signal 3dB above sensitivity level
58
dB
Image rejection (image compensation
enabled)
915.0MHz. Wanted signal 3dB above sensitivity level
39
dB
Image rejection (image compensation
enabled)
915.0MHz. Wanted signal 3dB above sensitivity level
39
dB
Image rejection (image compensation
enabled)
-40 to 105
℃, 915.0MHz
35
dB
RSSI dynamic range
Starting from the sensitivity limit
95
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-40
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
40
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Calculated from results above.
±40
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-2000
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level Positive offset
2000
ppm
Symbol rate error tolerance (ppm)
Measured at 10dB above sensitivity level. Calculated from results above.
±2000
ppm
4GFSK, 1500kbps, ±375kHz deviation, 1185kHz RX BW
Sensitivity
0.1% BER, 915MHz, w/uLNA
-94
dBm
Saturation limit
0.1% BER, 915MHz, w/uLNA
10
dBm
Selectivity, +2000kHz
915.0MHz
29
dB
Selectivity, -2000kHz
915.0MHz
30
dB
Blocking, +10MHz
915.0MHz
57
dB
Blocking, -10MHz
915.0MHz
60
dB
Blocking + 5% Fc. (43.42MHz)
915.0MHz, wanted signal -84dBm.
60
dB
Blocking - 5% Fc. (-43.42MHz)
915.0MHz, wanted signal -84dBm.
60
dB
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com