Electronic Components Datasheet Search
  English  ▼

X  

830S21AMILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 830S21AMILF
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  830S21AMILF Datasheet HTML 1Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
830S21I Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 3B. Power Supply DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
Table 3C. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50 to VDD/2. See Parameter Measurement Information, Output Load Test Circuit diagrams.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance, JA
93.1C/W (0 mps)
Storage Temperature, TSTG
-65C to 150C
Symbol Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
12
mA
Symbol Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VDD
Positive Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
11
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VOH
Output High Voltage; NOTE 1
VDD = 3.3V
2.6
V
VDD = 2.5V
1.8
V
VOL
Output Low Voltage; NOTE 1
VDD = 3.3V or 2.5V
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com