Electronic Components Datasheet Search
  English  ▼

X  

830S21AMILF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 830S21AMILF
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 830S21AMILF Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 9Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
830S21I Datasheet
Reliability Information
Table 5. JA vs. Air Flow Table for a 8 Lead SOIC
Transistor Count
The transistor count for 830s21I is: 214
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see
Ordering
Information for POD links). The package information is the most current data available and is subject to change without revision of
this document.
Ordering Information
Table 7. Ordering Information
Revision History
JA vs. Air Flow
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
93.1°C/W
84.3°C/W
79.6°C/W
Orderable Part Number
Marking
Package
Carrier Type
Temperature Range
830S21AMILF
30S21AIL
“Lead-Free” 8 Lead SOIC
Tube
-40C to 85C
830S21AMILFT
30S21AIL
“Lead-Free” 8 Lead SOIC
Tape & Reel
-40C to 85C
Revision Date
Description
November 7, 2024
Added “Designed for the fanout of 1PPS signals” to Features list.
December 12, 2015
▪ Removed ICS Chip and HiPerClockS under General Description.
▪ Removed ICS in the part numbers.
▪ Removed LF note at the bottom of the Ordering Information table.
▪ Removed the quantity of 2500 from the Tape & Reel in the Ordering information table.
▪ Updated datasheet header and footer.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com