Electronic Components Datasheet Search
  English  ▼

X  

830S21AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 830S21AMILF
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  830S21AMILF Datasheet HTML 1Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
CLK
nCLK
VBB
Q
Pullup/Pulldown
Pullup/Pulldown
1
2
3
4
8
7
6
5
nc
CLK
nCLK
VBB
VDD
Q
nc
GND
Description
830S21I is a 1-to-1 Differential-to- LVCMOS/ LVTTL translator and
a member of the family of High Performance Clock Solutions from
IDT. The differential input is highly flexible and can accept the
following input types: LVPECL, LVDS, LVHSTL, SSTL and HCSL.
The small 8-lead SOIC footprint makes this device ideal for use in
applications with limited board space.
Features
• One LVCMOS/LVTTL output
• Differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 350MHz
• Part-to-part skew: 525ps (maximum)
• Additive Phase jitter, RMS: 0.11ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V and 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Designed for the fanout of 1PPS signals
830S21I
8-Lead SOIC
3.9 × 4.9 × 1.375 mm package body
M Package
Top View
Pin Assignment
Block Diagram
830S21I
Datasheet
1-to-1 2.5V, 3.3V
Differential-to-LVCMOS/LVTTL


Similar Part No. - 830S21AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830S21AMILF IDT-830S21AMILF Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
830S21AMILF IDT-830S21AMILF Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21AMILFT IDT-830S21AMILFT Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
830S21AMILFT IDT-830S21AMILFT Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
More results

Similar Description - 830S21AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83021I ICST-ICS83021I Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
logo
Integrated Device Techn...
ICS830S21I IDT-ICS830S21I Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS830S21I-01 IDT-ICS830S21I-01 Datasheet
4Mb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com