Electronic Components Datasheet Search
  English  ▼

X  

830S21AMILF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 830S21AMILF
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 830S21AMILF Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 9Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
830S21I Datasheet
Parameter Measurement Information, continued
Part-to-Part Skew
Application Information
Wiring the Differential Input to Accept Single Ended Levels
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 1. Single-Ended Signal Driving Differential Input
Qx
Qy
tsk(pp)
V
DD
2
V
DD
2
Par t 1
Par t 2
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com