Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT30CSDHPD
Description  USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT30CSDHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Certifications, Reports
and Compatibility
Applications
•
Power the adapter and your laptop through USB-C, using your
laptop’s power adapter
•
Connect your MacBook, Ultrabook™, or Chromebook™ to wired
Gigabit internet, in locations where Wi-Fi® isn't available
•
Integrate the compact adapter into small workspaces in offices and
home offices
•
Connect your laptop to a projector and enjoy multimedia content at
home, or display engaging presentations in boardrooms and
classrooms
•
Use an HDMI port-equipped television in a hotel room as an external
display when traveling
•
Transfer photos, videos or other files from your SD™ cards to your
USB-C enabled tablet, laptop or other device
Features
•
Expand the connectivity of your MacBook Pro, Chromebook, Dell XPS,
or other USB-C enabled laptop
•
Power both the multiport adapter and your laptop simultaneously,
using your laptop’s USB-C based power adapter (supports USB Power
Delivery 2.0)
•
Provides 4K Ultra HD (3840 x 2160p) HDMI, two USB 3.0 ports, one
Gigabit Ethernet port and one SD card reader slot
•
Sleek, compact and durable housing for portability
•
Thunderbolt 3 port compatible
•
Two additional USB Type-A ports let you connect your existing USB
devices (backward compatible with USB 2.0 and 1.x devices)
•
Gigabit Ethernet RJ45 port supports Wake-on-LAN (WOL), jumbo
frames, VLAN tagging, and Energy-Efficient Ethernet
•
USB-powered for easy portability
•
Easy setup with native support in most Windows® and Mac operating
systems (also works with Google Chrome OS™)
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com