Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # DKT30CSDHPD
Description  USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD Datasheet(HTML) 5 Page - StarTech.com Ltd.

  DKT30CSDHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The adapter can connect to a host laptop’s USB-C port that
doesn’t support USB Power Delivery 2.0. However, in this
configuration if a power adapter is connected to the
multifunction adapter, it will not pass power through to your
host laptop.
A 4K-capable display is required to achieve 3840 x 2160p
resolution (4K is also known as 4K x 2K)
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity
standard offers speeds up to 5Gbps.
Your laptop might have specific charging requirements. For
example, if your laptop requires exactly 60W of power and
an adapter consumes some of the 60W, your laptop might
not recognize that it is getting enough power. For more
information about Power Delivery, refer to the manufacturer
of your hardware.
System and Cable Requirements
A host laptop with an available USB-C port (to ensure full
adapter functionality, the host USB-C port must support
USB Power Delivery 2.0 and DP alt mode)
Optional: USB-C power adapter (for example, your laptop’s
USB-C based power adapter)
Power
Power Delivery
60W
Power Source
USB-Powered
Environmental
Humidity
40~50% RH
Operating Temperature
0⁰C to 55⁰C (32°F to 131°F)
Storage Temperature
-10°C to 70°C (14°F to 158°F)
Physical
Characteristics
Cable Length
152 mm [6 in]
Color
Gray and Black
Enclosure Type
Plastic
Product Height
16 mm [0.6 in]
Product Length
116 mm [4.6 in]
Product Weight
86 g [3 oz]
Product Width
46 mm [1.8 in]
Packaging
Information
Shipping (Package) Weight
156 g [5.5 oz]
What's in the Box
Included in Package
1 - multiport adapter
1 - quick-start guide
Product appearance and specifications are subject to change without notice.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com