Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30CSDHPD
Description  USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30CSDHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB-C Multiport Adapter - SD card reader - Power
Delivery - 4K HDMI - GbE - 2x USB 3.0
Product ID: DKT30CSDHPD
Expand the connectivity of your USB-C™ enabled laptop. This USB-C multiport adapter lets you turn your
laptop into a powerful workstation, virtually anywhere you go, and eliminates the hassle of carrying and
connecting many different port adapters. The USB-C adapter lets you add 4K Ultra HD HDMI® video
output, two USB 3.0 Type-A ports, one Gigabit Ethernet port and one SD card reader slot through your
laptop’s USB-C port.
You can also use your laptop’s USB-C power adapter to power both the multiport adapter and your laptop
simultaneously, with support for USB Power Delivery 2.0. It’s the ideal accessory for your MacBook Pro or
other USB Type-C™ equipped laptop, and it’s also Thunderbolt™ 3 port compatible.
www.startech.com/uk
0800 169 0408


Similar Part No. - DKT30CSDHPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CSDHPD3 STARTECH-DKT30CSDHPD3 Datasheet
155Kb / 6P
USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
More results

Similar Description - DKT30CSDHPD

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com