Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT30CSDHPD
Description  USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT30CSDHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
3 Years
Hardware
4K Support
Yes
Bus Type
USB-C
Chipset ID
VLI - VL813 (USB 3.0 Hub)
VLI - VL100 (USB Power Delivery)
Genesys Logic - GL857L
Parade - PS176
Realtek - RTL8153 (LAN)
Displays Supported
1
Fast-Charge Port(s)
No
Industry Standards
IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Performance
Auto MDIX
Yes
Compatible Networks
10/100/1000 Mbps
Full Duplex Support
Yes
Maximum Data Transfer Rate
5 Gbps (USB 3.0)
2 Gbps (Ethernet; Full-Duplex)
Maximum Digital Resolutions
4096 x 2160p @ 24Hz or 3840 x 2160p (HDMI) @ 30Hz
Lower resolutions are also supported. For example, if the
max is 3840 x 2160p (4K), it also supports 2560 x 1600p
and 2560 x 1440p.
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
1 - USB Type-C (24 pin) USB 3.0 Male
1 - HDMI (19 pin) Female
1 - RJ-45 Female
2 - USB Type-A (9 pin) USB 3.0 Female
1 - SD / MMC Slot Female
1 - USB-C (24 pin) USB Power Delivery only Female
Software
OS Compatibility
Windows® 7, 8, 8.1, 10
Mac OS® 10.11 to 10.12
Chrome OS™
Special Notes /
Requirements
Note
Not all USB-C ports support the full functionality of the USB
Type-C standard. Ensure that your host USB-C port supports
USB Power Delivery 2.0 and DP alt mode.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com