Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CSDHPD
Description  USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CSDHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Create a powerful workstation
When coupled with your laptop display, this versatile USB-C multiport adapter makes it easy to create a
dual-monitor workstation when you need it. It offers a 4K HDMI port (with audio), so you can easily
connect a high-resolution monitor and gain access to more screen space. With higher resolutions, you can
view more windows at once and increase your productivity.
The Gigabit Ethernet port ensures reliable wired network access, which is ideal for areas with limited Wi-Fi
access. Plus, with two additional USB 3.0 ports (USB Type-A) you can connect your existing peripheral
devices, like your mouse or flash drive.
The USB-C adapter also features an SD card reader slot so you can access all of your multimedia content.
Designed for easy portability
This multiport adapter means you don’t have to carry multiple power adapters with you. Ideal for mobile
use, it features a USB-C port that supports USB Power Delivery 2.0 (USB PD 2.0), so you can use your
laptop’s USB-C power adapter to power both your laptop and the multiport adapter.
The versatile multiport adapter is compact and lightweight, so it's easy to tuck into your laptop bag. It
consolidates multiple ports into a single adapter, which means you don’t need to bring along multiple
single-function adapters.
The DKT30CSDHPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop’s USB-C port must support USB Power Delivery and DP Alt Mode.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com