Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD3 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT30CSDHPD3
Description  USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT30CSDHPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 5Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4K Support
Yes
Fast-Charge Port(s)
No
Displays Supported
1
Bus Type
USB-C
Industry Standards
IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Chipset ID
VIA/VLI - VL102
VIA Labs - VL163
VIA/VLI - VL817
Genesys Logic - GL823K
Parade - PS176
Realtek - RTL8153
Performance
Maximum Data Transfer
Rate
5 Gbps (USB 3.0) <br / >2 Gbps (Ethernet; Full-Duplex)
Maximum Digital
Resolutions
4096 x 2160p @ 24Hz or 3840 x 2160p (HDMI) @ 30Hz<br / >
UltraWide - 3440 x 1440p @ 60 Hz or 2560x1080 at 60Hz
Lower resolutions are also supported. For example, if the max is
3840 x 2160p (4K), it also supports 2560 x 1600p and 2560 x
1440p.
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes
Memory Media Type
Secure Digital Card
SDHC (Secure Digital High Capacity)
SDXC (Secure Digital eXtended Capacity)
microSD (Micro Secure Digital) (adapter required)
microSDHC (Micro Secure Digital High Capacity) (adapter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com