Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD3 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT30CSDHPD3
Description  USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT30CSDHPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 5Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
required)
microSDXC (Micro Secure Digital eXtended Capacity) (adapter
required)
Compatible Networks
10/100/1000 Mbps
Auto MDIX
Yes
Full Duplex Support
Yes
Connector(s)
Connector Type(s)
1 - USB Type-C (24 pin, 5Gbps)
1 - HDMI (19 pin)
1 - RJ-45
2 - USB Type-A (9 pin, 5 Gbps)
1 - SD Slot
1 - USB Type-C (24 pin, 5Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11<br / >macOS 10.11 to 10.15, 11.0,
12.0<br / >Android<br / >Chrome OS
Special Notes /
Requirements
System and Cable
Requirements
A host laptop with an available USB-C port (to ensure full
adapter functionality, the host USB-C port must support USB
Power Delivery 2.0 and DP alt mode)
Optional: USB-C power adapter (for example, your laptop’s
USB-C based power adapter)
Note
Not all USB-C ports support the full functionality of the USB
Type-C standard. Ensure that your host USB-C port supports
USB Power Delivery 2.0 or higher and DP alt mode.
The adapter can connect to a host laptop’s USB-C port that
doesn’t support USB Power Delivery 2.0. However, in this
configuration if a power adapter is connected to the multifunction
adapter, it will not pass power through to your host laptop.
A 4K-capable display is required to achieve 3840 x 2160p
resolution (4K is also known as 4K x 2K)
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity
standard offers speeds up to 5Gbps.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com