Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD3 Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # DKT30CSDHPD3
Description  USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet(HTML) 5 Page - StarTech.com Ltd.

  DKT30CSDHPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 5Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Your laptop might have specific charging requirements. For
example, if your laptop requires exactly 60W of power and an
adapter consumes some of the 60W, your laptop might not
recognize that it is getting enough power. For more information
about Power Delivery, refer to the manufacturer of your
hardware.
Power
Power Source
USB-Powered
Power Delivery
60W
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 85C (14F to 185F)
Humidity
5~90% RH (Non-condensing)
Physical
Characteristics
Color
Space Gray
Material
Aluminum
Cable Length
6.0 in [152 mm]
Product Length
10.6 in [27 cm]
Product Width
1.8 in [45 mm]
Product Height
0.6 in [1.5 cm]
Weight of Product
3.0 oz [85 g]
Packaging
Information
Package Length
6.9 in [17.4 cm]
Package Width
5.6 in [14.3 cm]
Package Height
1.2 in [30 mm]
Shipping (Package)
Weight
5.5 oz [157 g]
What's in the Box
Included in Package
1 - multiport adapter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com