Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CSDHPD3
Description  USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CSDHPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 5Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Applications
• Ideal for meetings and making presentations in the boardroom
• Transfer photos, videos or other files from your SD cards to your USB-C laptop, tablet or other device
• Use an HDMI port-equipped television in a hotel room as an external display
• Power the adapter and your laptop through USB-C, using your laptop’s power adapter
• Ideal for small workspaces in offices, home offices as well as office hoteling
Features
• LATEST MODEL: An upgrade to DKT30CSDHPD with Power Delivery 3.0 featuring Fast Role Swap to prevent USB
device drops when power is added/removed on PD 3.0 laptops. Plus, the USB-C port can be used for PD
Pass-through or data.
• USB-C MULTIPORT ADAPTER: Portable USB C travel docking station with 4K 30Hz HDMI video output; aluminum
space gray design complements Macbook Air, MacBook Pro, Dell XPS, HP EliteBook laptops
• 6-IN-1 USB-C HUB: This USB C multiport adapter features 4K HDMI (UHD), 2x USB-A 3.0 (5Gbps) and 1x USB-C
(Data or Power Delivery 3.0 Pass Through), SD / SDHC / SDXC card reader slot & Gigabit Ethernet
• 60W PD 3.0 PASS THROUGH: Use a USB-C power adapter to charge laptop (up to 48W) & power the dock (12W);
Prevents USB device drop out when the power is added/removed on PD 3.0 laptops like MacBook Pro
• WIDE DEVICE COMPATIBILITY: USB-C mini dock works w/ Thunderbolt 3 (TB3) laptops/ultrabooks; USB-C
laptops, ultrabooks, chromebooks, tablets & phones for brands like MacBook, HP, Dell, Lenovo, Surface
• WIDE OS COMPATIBILITY & EASY SETUP: This USB Type-C Multiport adapter has automatic driver installation &
supports Windows, macOS, Chrome OS and Android; ideal for business travel and work from home
Hardware
Warranty
3 Years



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com