Electronic Components Datasheet Search
  English  ▼

X  

DKT30CSDHPD3 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30CSDHPD3
Description  USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30CSDHPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 5Page - StarTech.com Ltd. DKT30CSDHPD3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W
PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD
Product ID: DKT30CSDHPD3
This USB-C multiport adapter with HDMI turns your MacBook Pro, Dell XPS, or other USB-C laptop into a
workstation, anywhere you go. The USB Type-C multiport adapter provides 4K HDMI video output, a USB Type-C
port (data/power), two USB 3.0 Type-A ports, a Gigabit Ethernet port and an SD card reader slot, all through one
connection to your laptop’s USB-C or Thunderbolt 3 port. Plus, it offers advanced charging through USB Power
Delivery 3.0.
The portable docking station connects your laptop to a 4K HDMI monitor (4096 x 2160p) to create a powerful
workstation. It can also connect to an ultrawide monitor.
The USB-C to USB 3.0 hub gives you one USB-C port and two USB-A ports to connect your latest and legacy USB
devices.
Access your multimedia content with ease. The multiport adapter provides direct access to your SD, SDHC and
SDXC memory cards or microSD cards (with adapter, sold separately).
With support for USB PD 3.0 (up to 60W), the USB Type-C multiport adapter lets you power and charge your laptop,
and power your peripherals when connected to a USB-C power adapter. PD 3.0 features Fast Role Swap to prevent
USB data disruption when you switch power sources (USB-C power adapter to bus power).
The Gigabit Ethernet port ensures reliable wired network access.
The DKT30CSDHPD3 is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop’s USB-C port must support USB Power Delivery and DP Alt
Mode.
Certifications, Reports and Compatibility


Similar Part No. - DKT30CSDHPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CSDHPD STARTECH-DKT30CSDHPD Datasheet
190Kb / 5P
USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
More results

Similar Description - DKT30CSDHPD3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4GUBC TRIPPLITE-U444-06N-H4GUBC Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 4K - PD Charging, 30Hz, Black
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com