Electronic Components Datasheet Search
  English  ▼

X  

DFR0654 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 3 Page - DFROBOT

  DFR0654 Datasheet HTML 1Page - DFROBOT DFR0654 Datasheet HTML 2Page - DFROBOT DFR0654 Datasheet HTML 3Page - DFROBOT DFR0654 Datasheet HTML 4Page - DFROBOT DFR0654 Datasheet HTML 5Page - DFROBOT DFR0654 Datasheet HTML 6Page - DFROBOT DFR0654 Datasheet HTML 7Page - DFROBOT DFR0654 Datasheet HTML 8Page - DFROBOT DFR0654 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
3/122
Input Voltage: 3.3V-5.5V (Support USB Charging)
Processor: Tensilica LX6 dual-core processor (One for high-speed connection; one for independent application development)
Main Frequency: 240MHz
SRAM: 520KB
Flash: 32Mbit
Wi-Fi Standard: FCC/CE/TELEC/KCC
Wi-Fi Protocol: 802.11 b/g/n/d/e/i/k/r (802.11n,speed up to 150 Mbps), A-MPDU and A-MSDU Aggregation, support 0.4us guard
interval)
Frequency Range: 2.4-2.5 GHz
Bluetooth Protocol: Bluetooth v4.2 BR/EDR and BLE standard compliant
Bluetooth Audio: CVSD and SBC audio
On-chip Clock: 40MHz crystal, 32.768KHz crystal
Digital I/O x18
Analog Input x11
SPI x1
IIC x1
I2S x1
RGB_LED: WS2812
Connector: FireBeetle V2 series compatible
Operating Temperature: -20℃ to +85℃
Module Size: 25.4 × 60(mm)
Mount Hole Size: M2, diameter 2.0mm
Weight: 13g
5. Board Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com