Electronic Components Datasheet Search
  English  ▼

X  

DFR0654 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 6Page - DFROBOT DFR0654 Datasheet HTML 7Page - DFROBOT DFR0654 Datasheet HTML 8Page - DFROBOT DFR0654 Datasheet HTML 9Page - DFROBOT DFR0654 Datasheet HTML 10Page - DFROBOT DFR0654 Datasheet HTML 11Page - DFROBOT DFR0654 Datasheet HTML 12Page - DFROBOT DFR0654 Datasheet HTML 13Page - DFROBOT DFR0654 Datasheet HTML 14Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
10/122
The USB-related circuit design is shown below:
IO34-39 are for input only.
FireBeetle 2 ESP32-E has two 8-bit DAC channel that converts 2-way digital signal to 2 analog voltage outputs. Two channels can work
independently. DAC circuit is composed of built-in resistors in series and a buffer. The two DACs can be used as reference voltage.
7. Dimension
Pin Pitch: 2.54mm
Mounting Hole Pitch: 22mm or 56.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com