Electronic Components Datasheet Search
  English  ▼

X  

DFR0654 Datasheet(PDF) 32 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 32 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 28Page - DFROBOT DFR0654 Datasheet HTML 29Page - DFROBOT DFR0654 Datasheet HTML 30Page - DFROBOT DFR0654 Datasheet HTML 31Page - DFROBOT DFR0654 Datasheet HTML 32Page - DFROBOT DFR0654 Datasheet HTML 33Page - DFROBOT DFR0654 Datasheet HTML 34Page - DFROBOT DFR0654 Datasheet HTML 35Page - DFROBOT DFR0654 Datasheet HTML 36Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
32/122
9.2.2.2 PWM Output (Analog Write)
Preparation:
FireBeetle 2 ESP32-E (https://www.dfrobot.com/product-2195.html) (SKU: DFR0654) ×1
What is PWM?
PWM (Pulse Width Modulation) is a very effective technique to control analog circuits using the digital output of MCU. It is widely used in
many fields such as lighting control, motor speed control, measurement, communication, power control and conversion.
The PWM controller of ESP32 has 16 independent channels, which can be configured to generate PWM signals with different properties. All
pins that can be used as outputs can serve as PWM pins (GPIO 34 to 39 cannot generate PWM).
In the Arduino IDE, PWM output is defined as analog output. When using Arduino for PWM LED dimming, you should follow the steps below:
. First, select a PWM channel. There are 16 channels from 0 to 15.
. Then, set the PWM signal frequency. For LEDs, a frequency of 5000 Hz is suitable.
. Set the duty cycle resolution of the signal, ranging from 1 to 16 bits. Here an 8-bit resolution is used. And we can use the value between
0 and 255 (2 to the power of 8) to control the LED brightness.
The sample code below will demonstrate how to drive the onboard LED using PWM to display a breathing light effect. No external hardware
connection is required for this example.
Sample Code:
Function: Drive the onboard LED using PWM to display a breathing light effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com