Electronic Components Datasheet Search
  English  ▼

X  

DFR0654 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 9 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 5Page - DFROBOT DFR0654 Datasheet HTML 6Page - DFROBOT DFR0654 Datasheet HTML 7Page - DFROBOT DFR0654 Datasheet HTML 8Page - DFROBOT DFR0654 Datasheet HTML 9Page - DFROBOT DFR0654 Datasheet HTML 10Page - DFROBOT DFR0654 Datasheet HTML 11Page - DFROBOT DFR0654 Datasheet HTML 12Page - DFROBOT DFR0654 Datasheet HTML 13Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
9/122
GPIO 18
18/SCK
Used as input or
output
SPI_SCK
GPIO 19
19/MISO
Used as input or
output
SPI_MISO
GPIO 21
21/SDA
Used as input or
output
I2C_SDA
GPIO 22
22/SCL
Used as input or
output
I2C_SCL
GPIO 23
23/MOSI
Used as input or
output
SPI_MOSI
GPIO 25
25/D2
Used as input or
output
ADC2_CH8
DAC_1(Range: 0-255; Output Voltage: 0-3.3V)
GPIO 26
26/D3
Used as input or
output
ADC2_CH9
DAC_2(Range: 0-255; Output Voltage: 0-3.3V)
GPIO 34
34/A2
Used as input only
ADC1_CH6
GPIO 35
35/A3
Used as input only
ADC1_CH7
GPIO 36
36/A0
Used as input only
GPIO 39
39/A1
Used as input only
Note:
It is recommended not to multiplex the pin IO0/D5, IO1/TXD and IO3/RX since they will be occupied when using USB-related function.
The USB related circuit design is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com