Electronic Components Datasheet Search
  English  ▼

X  

DFR0654 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 3Page - DFROBOT DFR0654 Datasheet HTML 4Page - DFROBOT DFR0654 Datasheet HTML 5Page - DFROBOT DFR0654 Datasheet HTML 6Page - DFROBOT DFR0654 Datasheet HTML 7Page - DFROBOT DFR0654 Datasheet HTML 8Page - DFROBOT DFR0654 Datasheet HTML 9Page - DFROBOT DFR0654 Datasheet HTML 10Page - DFROBOT DFR0654 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
7/122
Categroy
Description
Control
FireBeetle enable/reset pins
Touch
Pin with capacitive touch function
Analog
Analog pin
Port PIN
Default physical pin number of the chip, which can be used to directly control the corresponding pin
Arduino
IDE
In Arduino IDE, the pin numbers have been remapped by FireBeetle, and you can directly use this symbol to control the
corresponding pin
RTC PIN
FireBeetle 2 ESP32-E supports low power function, and in Deep-sleep mode, only RTC pin keeps working and can be used
as a wave-up source. When RTC pin is used as an output pin, it keeps outputting level value when the chip is in Deep-sleep
mode, while as an input pin, it can wake up the chip from Deep-sleep.
GND
Common ground for all power supplies and logics
Power
When powered by 5V-USB, VCC outputs about 4.7V and 3V3 outputs 3.3V; When powered by 4V li-ion battery, VCC
outputs about 4V and 3V3 outputs 3.3V(Actual measurement)
FireBeetle 2 ESP32-E has up to 24 physical GPIOs, which are mainly for connecting peripherals like sensors, actuators, etc. Meanwhile,
these IO pins can be multiplexed for other functions such as UART, SPI, I2C and so on. The table below provides users with a detailed
description of FireBeetle 2 ESP32-E GPIO.
Pin
Number
Name
Function
ADC
Communication
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com