Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5602 Datasheet HTML 2Page - Analog Devices AD5602 Datasheet HTML 3Page - Analog Devices AD5602 Datasheet HTML 4Page - Analog Devices AD5602 Datasheet HTML 5Page - Analog Devices AD5602 Datasheet HTML 6Page - Analog Devices AD5602 Datasheet HTML 7Page - Analog Devices AD5602 Datasheet HTML 8Page - Analog Devices AD5602 Datasheet HTML 9Page - Analog Devices AD5602 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AD5602/AD5612/AD5622
Data Sheet
Rev. E | Page 6 of 23
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
–0.3 V to + 7.0 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
VOUT to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature
150°C
SC70 Package
θJA Thermal Impedance
332°C/W
θJC Thermal Impedance
120°C/W
LFCSP Package
θJA Thermal Impedance
95°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
2.0 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com