Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5602 Datasheet HTML 12Page - Analog Devices AD5602 Datasheet HTML 13Page - Analog Devices AD5602 Datasheet HTML 14Page - Analog Devices AD5602 Datasheet HTML 15Page - Analog Devices AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AD5602/AD5612/AD5622
Data Sheet
Rev. E | Page 16 of 23
SERIAL INTERFACE
The AD5602/AD5612/AD5622 have 2-wire I2C compatible
serial interfaces (refer to I2C-Bus Specification, Version 2.1,
January 2000, available from Philips Semiconductor). The
AD5602/AD5612/AD5622 can be connected to an I2C bus as a
slave device, under the control of a master device. See Figure 2
for a timing diagram of a typical write sequence.
The AD5602/AD5612/AD5622 support standard (100 kHz),
fast (400 kHz), and high speed (3.4 MHz) data transfer modes.
Support is not provided for 10-bit addressing and general call
addressing.
The AD5602/AD5612/AD5622 each have a 7-bit slave address.
The five most significant bits (MSB) are 00011 and the two LSBs
are determined by the state of the ADDR pin. The facility to
make hardwired changes to ADDR allows the user to incorporate
up to three of these devices on one bus as outlined in Table 7.
The 2-wire serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, which is when a high to low transition on the
SDA line occurs while SCL is high. The following byte is
the address byte, which consists of the 7-bit slave address.
The slave address corresponding to the transmitted address
responds by pulling SDA low during the ninth clock pulse
(this is termed the acknowledge bit). At this stage, all other
devices on the bus remain idle while the selected device
waits for data to be written to, or read from, its shift register.
2.
Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high
period of SCL.
3.
When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. If a stop condition is generated between the
7th and 8th clock pulse of the I2C address frame, a power cycle
is required to recover the device. In read mode, the master
issues a no acknowledge for the ninth clock pulse (that is,
the SDA line remains high). The master then brings the
SDA line low before the 10th clock pulse, and then high
during the 10th clock pulse to establish a stop condition.
Table 7. Device Address Selection
ADDR
A1
A0
GND
1
1
VDD
0
0
NC (No Connection)
1
0
INPUT REGISTER
The input register is 16 bits wide. Figure 39, Figure 40, and
Figure 41 illustrate the contents of the input register for each
device. Data is loaded into the device as a 16-bit word under the
control of an SCL input. The timing diagram for this operation
is shown in Figure 2. The 16-bit word consists of four control
bits followed by 8, 10, or 12 bits of data, depending on the device
type. MSB (DB15) is loaded first. The first two bits are reserved
bits that must be set to zero; the next two bits are control bits
that select the mode of operation of the device (normal mode or
any one of three power-down modes). See the Power-Down
Modes section for a complete description. The remaining bits
are left justified DAC data bits, starting with the MSB and
ending with the LSB.
DATA BITS
DB15 (MSB)
DB0 (LSB)
0
0
PD1
PD0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Figure 39. AD5602 Input Register Contents
DATA BITS
DB15 (MSB)
DB0 (LSB)
0
0
PD1
PD0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
Figure 40. AD5612 Input Register Contents
DATA BITS
DB15 (MSB)
DB0 (LSB)
0
0
PD1
PD0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 41. AD5622 Input Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com