Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8221 Datasheet HTML 12Page - Analog Devices AD8221 Datasheet HTML 13Page - Analog Devices AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8221
Rev. C | Page 16 of 24
2
100µs/DIV
20mV/DIV
Figure 40. Small Signal Response, G = 1000, RL = 2 kΩ, CL = 100 pF
0
10
5
15
OUTPUT VOLTAGE STEP SIZE (V)
5
0
10
15
20
SETTLED TO 0.01%
SETTLED TO 0.001%
Figure 41. Settling Time vs. Step Size (G = 1)
1
100
10
1000
GAIN
1
100
10
1000
SETTLED TO 0.001%
SETTLED TO 0.01%
Figure 42. Settling Time vs. Gain for a 10 V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com