Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices AD8221 Datasheet HTML 21Page - Analog Devices AD8221 Datasheet HTML 22Page - Analog Devices AD8221 Datasheet HTML 23Page - Analog Devices AD8221 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8221
Rev. C | Page 20 of 24
RF INTERFERENCE
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass RC network placed at the input
of the instrumentation amplifier, as shown in Figure 49. The
filter limits the input signal bandwidth according to the following
relationship:
)
2
(
π
2
1
C
D
Diff
C
C
R
FilterFreq
C
CM
RC
FilterFreq
π
2
1
where C
D
10C
C.
R
R
AD8221
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
R1
499
CD
CC
CC
10nF
1nF
1nF
4.02k
4.02k
Figure 49. RFI Suppression
C
D affects the difference signal, and CC affects the common-
mode signal. Values of R and C
C should be chosen to minimize
RFI. Mismatch between the R × C
C at the positive input and the
R × C
C at the negative input degrades the CMRR of the AD8221.
By using a value of C
D one magnitude larger than CC, the effect
of the mismatch is reduced, and therefore, performance is
improved.
PRECISION STRAIN GAGE
The low offset and high CMRR over frequency of the AD8221
make it an excellent candidate for bridge measurements. As
shown in Figure 50, the bridge can be directly connected to
the inputs of the amplifier.
+5V
+2.5V
10µF
0.1µF
AD8221
+IN
–IN
R
350
350
350
350
+
–
Figure 50. Precision Strain Gage
CONDITIONING ±10 V SIGNALS FOR A +5 V
DIFFERENTIAL INPUT ADC
There is a need in many applications to condition ±10 V signals.
However, many of today’s ADCs and digital ICs operate on
much lower, single-supply voltages. Furthermore, new ADCs
have differential inputs because they provide better common-
mode rejection, noise immunity, and performance at low supply
voltages. Interfacing a ±10 V, single-ended instrumentation
amplifier to a +5 V, differential ADC can be a challenge.
Interfacing the instrumentation amplifier to the ADC requires
attenuation and a level shift. A solution is shown in Figure 51.
+12V
+IN
–IN
0.1µF
10µF
0.1µF
10µF
–12V
R3
1k
+2.5V
R4
1k
REF
R5
499
R2
10k
R1
10k
C1
470pF
+12V
0.1µF
0.1µF
–12V
+12V
+5V
+5V
0.1µF
10nF
0.1µF
–12V
+12V
0.1µF
0.1µF
–12V
R6
27.4
R7
27.4
C2
220µF
10µF
0.1µF
22µF
+5V
2.5V
220nF
10nF
AD8221
AD8022
OP27
AD8022
AD7723
VIN(+)
AVDD
AGND DGND REF1 REF2
DVDD
VIN(–)
AD780
GND
+VIN
VOUT
(½)
(½)
Figure 51. Interfacing to a Differential Input ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com