Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8221 Datasheet HTML 13Page - Analog Devices AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices AD8221 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8221
Rev. C | Page 17 of 24
THEORY OF OPERATION
C1
C2
+VS
+VS
+IN
–IN
–VS
–VS
10k
10k
10k
400
400
10k
REF
OUTPUT
IB COMPENSATION
IB COMPENSATION
+VS
–VS
+VS
–VS
+VS
VB
I
I
R1
24.7k
24.7k
RG
Q1
R2
Q2
–VS
+VS
–VS
A2
A1
A3
Figure 43. Simplified Schematic
The AD8221 is a monolithic instrumentation amplifier based
on the classic 3-op amp topology. Input transistors Q1 and Q2
are biased at a fixed current so that any differential input signal
forces the output voltages of A1 and A2 to change accordingly.
A signal applied to the input creates a current through R
G, R1,
and R2, such that the outputs of A1 and A2 deliver the correct
voltage. Topologically, Q1, A1, R1 and Q2, A2, R2 can be
viewed as precision current feedback amplifiers. The amplified
differential and common-mode signals are applied to a
difference amplifier that rejects the common-mode voltage
but amplifies the differential voltage. The difference amplifier
employs innovations that result in low output offset voltage as
well as low output offset voltage drift. Laser-trimmed resistors
allow for a highly accurate in-amp with gain error typically less
than 20 ppm and CMRR that exceeds 90 dB (G = 1).
Using superbeta input transistors and an I
B compensation
scheme, the AD8221 offers extremely high input impedance,
low I
B, low IB drift, low IOS, low input bias current noise, and
extremely low voltage noise of 8 nV/√Hz.
The transfer function of the AD8221 is
G
R
G
kΩ
4
.
49
1
Users can easily and accurately set the gain using a single
standard resistor.
Because the input amplifiers employ a current feedback
architecture, the gain-bandwidth product of the AD8221
increases with gain, resulting in a system that does not suffer
from the expected bandwidth loss of voltage feedback
architectures at higher gains.
To maintain precision even at low input levels, special attention
was given to the design and layout of the AD8221, resulting in
an in-amp whose performance satisfies the most demanding
applications.
A unique pinout enables the AD8221 to meet a CMRR
specification of 80 dB at 10 kHz (G = 1) and 110 dB at 1 kHz
(G = 1000). The balanced pinout, shown in Figure 44, reduces
the parasitics that had, in the past, adversely affected CMRR
performance. In addition, the new pinout simplifies board
layout because associated traces are grouped together. For
example, the gain setting resistor pins are adjacent to the
inputs, and the reference pin is next to the output.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
AD8221
Figure 44. Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com