Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices AD8221 Datasheet HTML 21Page - Analog Devices AD8221 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8221
Rev. C | Page 18 of 24
GAIN SELECTION
Placing a resistor across the R
G terminals set the gain of
AD8221, which can be calculated by referring to Table 6 or
by using the gain equation.
1
kΩ
4
.
49
G
RG
Table 6. Gains Achieved Using 1% Resistors
1% Standard Table Value of R
G (Ω)
Calculated Gain
49.9 k
1.990
12.4 k
4.984
5.49 k
9.998
2.61 k
19.93
1.00 k
50.40
499
100.0
249
199.4
100
495.0
49.9
991.0
The AD8221 defaults to G = 1 when no gain resistor is used.
Gain accuracy is determined by the absolute tolerance of R
G.
The TC of the external gain resistor increases the gain drift of
the instrumentation amplifier. Gain error and gain drift are kept
to a minimum when the gain resistor is not used.
LAYOUT
Careful board layout maximizes system performance. Traces
from the gain setting resistor to the R
G pins should be kept as
short as possible to minimize parasitic inductance. To ensure
the most accurate output, the trace from the REF pin should
either be connected to the local ground of the AD8221, as shown
in Figure 47, or connected to a voltage that is referenced to the
local ground of the AD8221.
Common-Mode Rejection
One benefit of the high CMRR over frequency of the AD8221 is
that it has greater immunity to disturbances, such as line noise
and its associated harmonics, than do typical instrumentation
amplifiers. Typically, these amplifiers have CMRR fall-off at
200 Hz; common-mode filters are often used to compensate for
this shortcoming. The AD8221 is able to reject CMRR over a
greater frequency range, reducing the need for filtering.
A well implemented layout helps to maintain the high CMRR
over frequency of the AD8221. Input source impedance and
capacitance should be closely matched. In addition, source
resistance and capacitance should be placed as close to the
inputs as permissible.
Grounding
The output voltage of the AD8221 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie REF to the appropriate local ground.
In mixed-signal environments, low level analog signals need to
be isolated from the noisy digital environment. Many ADCs
have separate analog and digital ground pins. Although it is
convenient to tie both grounds to a single ground plane, the
current traveling through the ground wires and PC board may
cause hundreds of millivolts of error. Therefore, separate analog
and digital ground returns should be used to minimize the
current flow from sensitive points to the system ground. An
example layout is shown in Figure 45 and Figure 46.
Figure 45. Top Layer of the AD8221-EVAL
Figure 46. Bottom Layer of the AD8221-EVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com