Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 2 Page - Analog Devices

  AD8221 Datasheet HTML 1Page - Analog Devices AD8221 Datasheet HTML 2Page - Analog Devices AD8221 Datasheet HTML 3Page - Analog Devices AD8221 Datasheet HTML 4Page - Analog Devices AD8221 Datasheet HTML 5Page - Analog Devices AD8221 Datasheet HTML 6Page - Analog Devices AD8221 Datasheet HTML 7Page - Analog Devices AD8221 Datasheet HTML 8Page - Analog Devices AD8221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8221
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagram ....................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 8
Thermal Characteristics .............................................................. 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
Theory of Operation ...................................................................... 17
Gain Selection ............................................................................. 18
Layout .......................................................................................... 18
Reference Terminal .................................................................... 19
Power Supply Regulation and Bypassing ................................ 19
Input Bias Current Return Path ............................................... 19
Input Protection ......................................................................... 19
RF Interference ........................................................................... 20
Precision Strain Gage................................................................. 20
Conditioning ±10 V Signals for a +5 V Differential Input
ADC ............................................................................................. 20
AC-Coupled Instrumentation Amplifier ................................ 21
Die Information.............................................................................. 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 24
REVISION HISTORY
3/11—Rev. B to Rev. C
Added Pin Configuration and Function Descriptions Section.. 9
Added Die Information Section ................................................... 22
Updated Outline Dimensions ....................................................... 23
Changes to Ordering Guide .......................................................... 24
9/07—Rev. A to Rev. B
Changes to Features.......................................................................... 1
Changes to Table 1 Layout............................................................... 3
Changes to Table 2 Layout............................................................... 5
Changes to Figure 15...................................................................... 11
Changes to Figures 32 .................................................................... 13
Changes to Figure 33, Figure 34, and Figure 35 ......................... 14
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
11/03—Rev. 0 to Rev. A
Changes to Features.......................................................................... 1
Changes to Specifications Section.................................................. 4
Changes to Theory of Operation Section.................................... 13
Changes to Gain Selection Section............................................... 14
10/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com